Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5303ACPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5303ACPZ-R2
Description  160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5303ACPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADL5303ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
ADL5303
Rev. 0 | Page 5 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
NOTES
1. PINS LABELED NC CAN BE ALLOWED TO FLOAT, BUT
IT IS BETTER TO CONNECT THESE PINS TO GROUND.
AVOID ROUTING HIGH SPEED SIGNALS THROUGH
THESE PINS BECAUSE NOISE COUPLING MAY RESULT.
2. EXPOSED PAD. CONNECT THE EXPOSED PAD TO THE
VSUM PINS TO PROVIDE LOW LEAKAGE GUARD.
1
NC
2
VSUM
3
INPT
4
VSUM
11 VOUT
12 VPS1
10 VPS2
9
BFIN
ADL5303
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
NC
Pins labeled NC can be allowed to float, but it is better to connect these pins to ground. Avoid routing high
speed signals through these pins because noise coupling may result.
2, 4
VSUM
Guard Pins. VSUM is used to shield the INPT current line.
3
INPT
Photodiode Current Input. Connect this pin to the photodiode anode (the photo current flows toward INPT).
5
VPDB
Photodiode Biaser Output. Connect this pin to the photodiode cathode when using adaptive bias control;
otherwise, leave this pin floating.
6
VREF
Voltage Reference Output of 2 V.
7
ACOM
Analog Reference Ground.
8
VLOG
Output of the Logarithmic Front-End Processor. ROUT = 5 kΩ to ground.
9
BFIN
Buffer Amplifier Noninverting Input (High Impedance).
10
VPS2
Positive Supply, VPS (3.0 V to 5.5 V).
11
VOUT
Buffer Output; Low Impedance.
12
VPS1
Positive Supply, VPS (3.0 V to 5.5 V).
13
BFNG
Buffer Amplifier Inverting Input.
14, 15
GND
Power Supply Ground Connection.
16
PWDN
Power-Down Control Input. Device is active when PWDN is taken low.
17
EPAD
Exposed Pad. Connect the exposed pad to the VSUM pins to provide low leakage guard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com