Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5303ACPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5303ACPZ-R2
Description  160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5303ACPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5303ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADL5303
Data Sheet
Rev. 0 | Page 6 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1.0
1.2
1.6
100p
1n
10n
100n
1µ
10µ
100µ
IPD (A)
1m
10m
1.4
–40°C
+25°C
+85°C
Figure 3. VLOG vs. IPD
–2.0
IPD (A)
–1.5
–1.0
–0.5
0.5
1.5
1.0
2.0
0
+85°C
–40°C
+25°C
100p
1n
10n
100n
1µ
10µ
100µ
1m
10m
Figure 4. Logarithmic Conformance (Linearity) for VLOG
100p
1n
10n
100n
1µ
10µ
100µ
1m
10m
–1.0
IPD (A)
–0.5
0.5
1.0
0
4.5V
5.0V
5.5V
Figure 5. Absolute Deviation from Nominal Specified Value of VLOG for Several
Supply Voltages @ 25°C
0.500
0.502
0.504
0.506
0.508
0.510
100p
1n
10n
100n
1µ
10µ
100µ
IPD (A)
1m
10m
TA = –40°C, +25°C, +85°C
+85°C
+25°C
–40°C
Figure 6. VSUM vs. IPD
0.6
0.8
1.0
1.2
1.6
1.4
012
345
6
IPD (mA)
710
1.8
2.0
2.2
2.4
2.6
2.8
89
+85°C
+25°C
–40°C
Figure 7. VPDB vs. IPD
0.6
0.8
1.0
1.2
1.6
1.4
100p
1n
10n
100n
1µ
10µ
100µ
IPD (A)
1m
10m
1.8
2.0
2.4
2.2
1.25
–1.00
1.00
0.25
0
–0.25
–0.50
0.75
0.50
–0.75
–40°C
+25°C
+85°C
TA = –40°C, +25°C, +85°C
VP = 3.0V
Figure 8. Logarithmic Conformance (Linearity) for a 3 V Single Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com