Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5303ACPZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5303ACPZ-R2
Description  160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5303ACPZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5303ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADL5303
Data Sheet
Rev. 0 | Page 12 of 24
USING THE ADL5303
The default configuration (see Figure 25) includes a 2.5:1 atten-
uator in the feedback path around the buffer. This increases the
slope of 10 mV/dB at the VLOG pin to 25 mV/dB at VOUT.
For the full dynamic range of 160 dB (80 dB optical), the output
swing is 4.0 V, which can be accommodated by the rail-to-rail
output stage when using the recommended 5 V supply.
The capacitor from VLOG to ground forms an optional
single-pole low-pass filter. Because the resistance at this pin
is trimmed to 5 kΩ, an accurate time constant can be realized.
For example, with CFLT = 10 nF, the −3 dB corner frequency is
3.2 kHz. Such filtering is useful in minimizing the output noise,
particularly when IPD is small. Multipole filters are even more
effective in reducing noise. A capacitor between VSUM and
ground is essential for minimizing the noise on this node.
When the bias voltage at either VPDB or VREF is not needed,
these pins should be left unconnected.
SLOPE AND INTERCEPT ADJUSTMENTS
The choice of slope and intercept depends on the application.
The versatility of the ADL5303 permits optimal choices to
be made in two common situations. First, it allows an input
current range of less than the full 160 dB to use the available
voltage span at the output. Second, it allows this output voltage
range to be optimally positioned to fit the input capacity of a
subsequent ADC. In special applications, very high slopes, such
as 1 V/decade, allow small subranges of IPD to be covered at high
sensitivity.
The slope can be lowered without limit by the addition of a
shunt resistor, RS, from VLOG to ground. Because the resistance
at this pin is trimmed to 5 kΩ, the accuracy of the modified
slope depends on the external resistor. It is calculated by,
kΩ
5
+
=
S
S
Y
Y
R
R
V
V
(8)
For example, using RS = 3 kΩ, the slope is lowered to 75 mV per
decade or 3.75 mV/dB. Table 4 provides a selection of suitable
values for RS and the resulting slopes.
Table 4. Examples of Lowering the Slope
RS (kΩ)
VY (mV/decade)
3
75
5
100
15
150
In addition to uses in filter and comparator functions, the
buffer amplifier provides the means to adjust both the slope
and intercept, which require a minimal number of external
components. The high input impedance at BFIN, low input
offset voltage, large output swing, and wide bandwidth of this
amplifier permit numerous transformations of the basic VLOG
signal, using standard op amp circuit practices. For example, it
has been noted that to raise the gain of the buffer, and therefore
the slope, a feedback attenuator, RA and RB in Figure 25, should
be inserted between VLOG and the inverting input BFNG pin.
NC
VOUT
500mV/DEC
200mV/DEC
R18 (RB)
10k
Ω
~10k
Ω
R15 (RA)
15kΩ
5k
Ω
C7 (CFILT)
NC
NC = NO CONNECT
VP
100nF
R1
750
C1
1nF
IPD
C3
PDB
BIAS
VREF
VPDB
VSUM
INPT
VSUM
ACOM
VPS2
PWDN
VPS1
VREF
VLOG
BFIN
BFNG
VOUT
0.5V
ADL5303
5
2
3
4
15
14
GND
GND
7
11
10
16
12
6
8
9
13
TEMPERATURE
COMPENSATION
Figure 25. Basic Connections (R15, R18, C7 are Optional; R1 and C1 are the Default Values)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com