Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5303ACPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5303ACPZ-R2
Description  160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5303ACPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5303ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADL5303
Rev. 0 | Page 7 of 24
–70
–60
–50
–40
–30
–20
0
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
–10
10nA 100nA
1µA
10µA
100µA
1mA
1nA
A
10mA
Figure 9. Small Signal AC Response, IPD to VLOG (5% Sine Modulation of IPD at
Frequency)
0.01
1
0.1
10
100
1n
10n
100n
1µ
10µ
100µ
IPD (A)
1m
10m
10kHz
100Hz
1kHz
1MHz
100kHz
Figure 10. Spot Noise Spectral Density at VLOG vs. IPD
0.01
1
0.1
10
100
100
1k
10k
100k
FREQUENCY (Hz)
1M
10M
>100µA
10µA
1µA
1nA
100nA
10nA
Figure 11. Spot Noise Spectral Density at VLOG vs. Frequency
0
1
2
3
4
5
6
7
8
9
10
1n
10n
100n
1µ
10µ
100µ
INPUT CURRENT (A)
1m
10m
Figure 12. Total Wideband Noise Voltage at VLOG vs. IPD
–12
–9
–6
–3
0
3
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
GAIN = 1×, 2×, 2.5×, 5×
AV = 5
AV = 1
AV = 2
AV = 2.5
Figure 13. Small Signal Response of Buffer
–70
–60
–50
–40
–30
–20
–10
0
10
10
100
1k
10k
100k
FREQUENCY (Hz)
fC =1kHz
Figure 14. Small Signal Response of Buffer Operating as Two-Pole Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com