Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5303ACPZ-R2 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5303ACPZ-R2
Description  160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5303ACPZ-R2 Datasheet(HTML) 2 Page - Analog Devices

  ADL5303ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5303ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADL5303
Data Sheet
Rev. 0 | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Simplified Block Diagram ............................................................... 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
ESD Caution.................................................................................. 4
Pin Configuration and Function Descriptions............................. 5
Typical Performance Characteristics ............................................. 6
Theory of Operation ...................................................................... 10
Basic Concepts............................................................................ 10
Optical Measurements............................................................... 10
Decibel Scaling............................................................................ 10
Bandwidth and Noise Considerations..................................... 10
Chip Enable................................................................................. 11
Using the ADL5303........................................................................ 12
Slope and Intercept Adjustments ............................................. 12
Low Supply Slope and Intercept Adjustment ......................... 15
Changing the Voltage at the Summing Node ............................ 15
Using the Adaptive Bias............................................................. 16
Applications Information .............................................................. 17
Rescaling...................................................................................... 17
Inverting the Slope ..................................................................... 17
Evaluation Board ........................................................................ 18
Shields and Guards..................................................................... 18
Outline Dimensions....................................................................... 21
Ordering Guide .......................................................................... 21
REVISION HISTORY
1/13—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com