Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5906ACPZN-R2 Datasheet(PDF) 28 Page - Analog Devices

Part # ADL5906ACPZN-R2
Description  10 MHz to 10 GHz 67 dB TruPwr Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906ACPZN-R2 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADL5906ACPZN-R2 Datasheet HTML 24Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 25Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 26Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 27Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 28Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 29Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 30Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 31Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
ADL5906
Data Sheet
Rev. 0 | Page 28 of 32
EVALUATION BOARD
The ADL5906-EVALZ is a fully populated, 4-layer, FR4-
based evaluation board. For normal operation, it requires a
5 V/100 mA power supply. The 5 V power supply must be
connected to the VPOS and GND test loops. The RF input
signal is applied to the SMA connector (RFIN). The output
voltage is available on the SMA connector (VOUT1) or on the
test loop (VOUT). Configuration options for the evaluation
board are listed in Table 8.
X2
BIAS AND POWER
DOWN CONTROL
1
NIC
ITGT
LINEAR-IN-dB VGA
(NEGATIVE SLOPE)
IDET
26pF
2
VPOS1
VPOS2
3
GND1
VREF
VTGT
GND2
4
11
10
9
5
CRMS
C9
0.1µF
6
VRMS
7
VSET
8
16
15
14
13
VTEMP
NIC
RFIN–
RFIN+
NIC
EPAD
ADL5906
12
X2
VREF
2.3V
TEMPERATURE
SENSOR
G = 5
R3
60.4Ω
C10
10nF
RFIN
TC2
VOUT
VOUT1
VREF
VTGT
GND
C12
10nF
R12
270Ω
R9
1.5kΩ
R11
2kΩ
R10
3.74kΩ
R6
0Ω
R1
0Ω
R2
(OPEN)
R15
(OPEN)
VSET
VPOS
C3
0.1µF
C4
100pF
C7
0.1µF
C5
100pF
TADJ/
PWDN
Figure 63. Evaluation Board Schematic
Table 8. Evaluation Board Configuration Options
Component
Function/Notes
Default Value
RFIN, R3, C10,
C12
RF input. The evaluation board is configured for single-ended drive on the RFIN+ pin (Pin 14).
Capacitors C10 and C12 have been set large enough so that the full frequency range of the
device is covered. If operation down to 10 MHz is not required, the value of these capacitors
can be reduced.
RFIN = SMA connector,
C10 = C12 = 10 nF,
R3 = 60.4 Ω
VTGT, R10,
R11
VTGT interface. R10 and R11 are set up to provide 0.8 V to VTGT derived from VREF. If R10 and
R11 are removed, an external voltage can be applied on the VTGT test point.
VTGT = black test loop,
R10 = 3.74 kΩ,
R11 = 2 kΩ,
VTGT = 0.8 V
VPOS, GND,
C3, C4, C5,C7
Power supply interface and decoupling. Apply the power supply for the evaluation board to
the VPOS and GND test loops. The nominal supply decoupling consists of a 100 pF capacitor and a
0.1 µF capacitor on each power supply pin, with the 100pF capacitor placed closer to the pin.
VPOS = red test loop,
GND = black test loop,
C3 = C7 = 0.1 µF,
C4 = C5 = 100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com