Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5906ACPZN-R2 Datasheet(PDF) 29 Page - Analog Devices

Part # ADL5906ACPZN-R2
Description  10 MHz to 10 GHz 67 dB TruPwr Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906ACPZN-R2 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADL5906ACPZN-R2 Datasheet HTML 24Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 25Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 26Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 27Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 28Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 29Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 30Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 31Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Data Sheet
ADL5906
Rev. 0 | Page 29 of 32
Component
Function/Notes
Default Value
VOUT, VOUT1,
VSET, R1, R2,
R6, R15
Output interface. In measurement mode, a portion of the voltage at the VRMS pin is fed back
to the VSET pin via R6 (R6 is normally set to 0 Ω). Using the voltage divider created by R2 and
R6, the magnitude of the slope of VRMS is increased by reducing the portion of VRMS that is fed
back to VSET. Resistors R1 and R15 can be used to reduce the output slope.
VOUT = black test loop,
VOUT1 = SMA connector,
VSET = black test loop,
R1 = R6 = 0 Ω,
R15 = R2 = open
In controller mode, R6 must be open. In this mode, the ADL5906 can control the gain of a variable
gain amplifier (VGA) or voltage variable attenuator (VVA). A setpoint voltage is applied to the
VSET test loop, and the VRMS test loop or SMA connector drives the gain control input of the
VGA/VVA.
C9
RMS averaging capacitor. The value of the rms averaging capacitor should be set based on the
peak-to-average ratio of the input signal and based on the desired output response time and
residual output noise.
C9 = 0.1 µF
TC2, R9, R12
TADJ/PWDN interface. The TADJ/PWDN pin controls the slope temperature compensation
and/or shuts down the device. The evaluation board is configured with VTADJ connected to
VREF through a resistor divider (R9, R12). This voltage divider can be removed (or simply
overdriven) allowing for the external application of a voltage to the VTADJ pin by applying a
voltage to the TC2 test point.
TC2 = black test loop,
R9 = 1.5 kΩ, R12 = 270 Ω,
VTADJ = 0.35 V
EVALUATION BOARD ASSEMBLY DRAWINGS
Figure 64. ADL5906 Evaluation Board Layout, Top Side
Figure 65. ADL5906 Evaluation Board Layout, Bottom Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com