Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5906ACPZN-R2 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5906ACPZN-R2
Description  10 MHz to 10 GHz 67 dB TruPwr Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906ACPZN-R2 Datasheet(HTML) 2 Page - Analog Devices

  ADL5906ACPZN-R2 Datasheet HTML 1Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 2Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 3Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 4Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 5Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 6Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 7Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 8Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
ADL5906
Data Sheet
Rev. 0 | Page 2 of 32
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 7
ESD Caution.................................................................................. 7
Pin Configuration and Function Descriptions............................. 8
Typical Performance Characteristics ............................................. 9
Theory of Operation ...................................................................... 16
Square Law Detector and Amplitude Target .............................. 16
RF Input Interface ...................................................................... 17
Temperature Sensor Interface................................................... 17
VREF Interface ........................................................................... 17
Temperature Compensation Interface..................................... 18
Power-Down Interface............................................................... 19
VSET Interface............................................................................ 19
Output Interface ......................................................................... 19
VTGT Interface .......................................................................... 19
Basis for Error Calculations...................................................... 20
Measurement Mode Basic Connections.................................. 20
Setting VTADJ ................................................................................ 20
Setting VTGT ................................................................................. 21
Choosing a Value for CRMS......................................................... 21
Output Voltage Scaling.............................................................. 22
System Calibration and Error Calculation.............................. 24
Using VTEMP to Improve Intercept Temperature Drift ........... 25
Description of Characterization............................................... 27
Evaluation Board ............................................................................ 28
Evaluation Board Assembly Drawings .................................... 29
Outline Dimensions....................................................................... 30
Ordering Guide .......................................................................... 30
REVISION HISTORY
3/13—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com