Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5906ACPZN-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5906ACPZN-R2
Description  10 MHz to 10 GHz 67 dB TruPwr Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906ACPZN-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5906ACPZN-R2 Datasheet HTML 8Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 9Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 10Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 11Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 12Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 13Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 14Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 15Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ADL5906
Data Sheet
Rev. 0 | Page 12 of 32
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–65
–55
–45
–35
–25
–15
–5
5
PIN (dBm)
VTADJ = 0.45V
CALIBRATION AT 0dBm, –40dBm, AND –55dBm
Figure 21. VRMS and Log Conformance Error vs. Input Level and Temperature
at 3.5 GHz
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
–65
–55
–45
–35
–25
–15
–5
5
PIN (dBm)
VTADJ = 1V
CALIBRATION AT 0dBm, –40dBm, AND –50dBm
Figure 22. VRMS and Log Conformance Error vs. Input Level and Temperature
at 5.8 GHz
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
–45
–35
–25
–15
–5
5
PIN (dBm)
VTADJ = 1V
CALIBRATION AT 0dBm, –20dBm, AND –35dBm
Figure 23. VRMS and Log Conformance Error vs. Input Level and Temperature
at 8 GHz
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–65
–55
–45
–35
–25
–15
–5
5
PIN (dBm)
VTADJ = 0.45V
Figure 24. Distribution of Log Conformance Error with Respect to VRMS at
25°C vs. Input Level and Temperature at 3.5 GHz
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
VTADJ = 1V
Figure 25. Distribution of Log Conformance Error with Respect to VRMS at
25°C vs. Input Level and Temperature at 5.8 GHz
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
–35
–25
–15
–5
5
PIN (dBm)
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
VTADJ = 1V
CALIBRATION AT 0dBm, –10dBm, AND –20dBm
Figure 26. VRMS and Log Conformance Error vs. Input Level and Temperature
at 10 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com