Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5906ACPZN-R2 Datasheet(PDF) 24 Page - Analog Devices

Part # ADL5906ACPZN-R2
Description  10 MHz to 10 GHz 67 dB TruPwr Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906ACPZN-R2 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADL5906ACPZN-R2 Datasheet HTML 20Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 21Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 22Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 23Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 24Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 25Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 26Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 27Page - Analog Devices ADL5906ACPZN-R2 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
ADL5906
Data Sheet
Rev. 0 | Page 24 of 32
SYSTEM CALIBRATION AND ERROR CALCULATION
The measured transfer function of the ADL5906 at 2.14 GHz is
shown in Figure 53, which contains plots of both output voltage
vs. input level and linearity error vs. input level. As the input level
varies from −65 dBm to +5 dBm, the output voltage varies from
~0.25 V to ~3.9 V.
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–65
–55
–45
–35
–25
–15
–5
5
PIN (dBm)
OUTPUT VOLTAGE –40°C
OUTPUT VOLTAGE +25°C
OUTPUT VOLTAGE +85°C
ERROR –40°C
ERROR +25°C
ERROR +85°C
Figure 53. 2.14 GHz VRMS and Log Conformance Error at +25°C, −40°C, and
+85°C Using Two-Point Calibration at 0 dBm and −40 dBm
Because slope and intercept vary from device to device, board
level calibration must be performed to achieve high accuracy.
The equation for the idealized output voltage can be written as
VRMS(IDEAL) = Slope × (PIN − Intercept)
(13)
where:
Slope is the change in output voltage divided by the change in
input power (dB).
Intercept is the calculated input power level at which the output
voltage is equal to 0 V (note that Intercept is an extrapolated
theoretical value and not a measured value).
In general, calibration is performed during equipment manufacture
by applying two or more known signal levels to the input of the
ADL5906 and measuring the corresponding output voltages.
The calibration points must be within the linear operating range
of the device.
With a two-point calibration, the slope and intercept are calculated
as follows:
Slope = (VRMS1 − VRMS2)/(PIN1 − PIN2)
(14)
Intercept = PIN1 − (VRMS1/Slope)
(15)
After the slope and intercept are calculated and stored in nonvolatile
memory during equipment calibration, an equation can be used
to calculate an unknown input power based on the output
voltage of the detector.
PIN (Unknown) = (VRMS(MEASURED)/Slope) + Intercept
(16)
The log conformance error is the difference between this straight
line and the actual performance of the detector.
Error (dB) = (VRMS(MEASURED) − VRMS(IDEAL))/Slope
(17)
Figure 53 includes a plot of this error at +25°C, −40°C, and +85°C
when using a two-point calibration (calibration points are 0 dBm
and −40 dBm). The error at the calibration points at 25°C (in
this case, −40 dBm and 0 dBm) is equal to 0 dB by definition.
The residual nonlinearity of the transfer function that is apparent
in the two-point calibration error plot can be reduced by
increasing the number of calibration points. Figure 54 shows
the post-calibration error plots for a three-point calibration. With
a multipoint calibration, the transfer function is segmented, with
each segment having its own slope and intercept. Multiple known
power levels (three levels in this case) are applied, and multiple
voltages are measured. When the equipment is in operation, the
measured voltage from the detector is first used to determine
which of the stored slope and intercept calibration coefficients
are to be used. Then, the unknown power level is calculated
by inserting the appropriate slope and intercept values into
Equation 16.
When choosing calibration points, there is no requirement for,
or value in, equal spacing between the points. There is also no
limit to the number of calibration points used. However, when
more calibration points are used, calibration time increases.
PIN (dBm)
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–65
–55
–45
–35
–25
–15
–5
5
OUTPUT VOLTAGE –40°C
OUTPUT VOLTAGE +25°C
OUTPUT VOLTAGE +85°C
ERROR –40°C
ERROR +25°C
ERROR +85°C
VTADJ = 0.35V
Figure 54. 2.14 GHz VRMS and Log Conformance Error at +25°C, −40°C, and
+85°C Using Three-Point Calibration at 0 dBm, −40 dBm, and −55 dBm
The −40°C and +85°C error plots in Figure 54 are generated using
the +25°C slope and intercept values. This is consistent with
equipment calibration in a mass production environment where
calibration of multiple temperatures is not practical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com