Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1051ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP1051ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1051ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP1051ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ADP1051
Preliminary Technical Data
Rev. PrA | Page 4 of 17
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Frequency
Equivalent Resolution
At 390.6 kHz switching frequency
6
Bits
Dynamic Range
Regulation voltage TBD mV to TBD V
±25
mV
VS UVP
Based on VS Accurate ADC
UVP accuracy
1
4
%
Comparator Update Speed
82
us
OVP PIN
Usable Voltage Range
0.75
1.5
V
Threshold Accuracy
1
1.25
%
Propagation Delay (Latency)
Debounce time not included
58
110
ns
VF VOLTAGE SENSE PIN
Input Voltage Range
Voltage from VF to AGND
0
1
1.60
V
Input Voltage FSR
1.6
V
General ADC
Valid Input Voltage Range
1.6
V
ADC Clock Frequency
1.56
MHz
Register Update Rate
100
Hz
Resolution
12
Bits
Measurement Accuracy
From 10% to 90% of Input Voltage FSR
−3.5
+3.5
% FSR
-56
+56
mV
From 0% to 100% of Input Voltage FSR
−10
+10
% FSR
-160
+160
mV
Feed Forward ADC
Input Voltage Range
0.5
1
1.6
V
Resolution
11
Bits
Sampling Period
10
μs
CS1 CURRENT SENSE PIN
Input Voltage Range
VIN
Differential voltage from CS1 to AGND
0
1
1.60
V
Input Voltage FSR
1.6
V
CS1 ADC
Valid Input Voltage Range
1.6
V
ADC Clock Frequency
1.56
MHz
Register Update Rate
100
Hz
Resolution
12
Bits
Measurement Accuracy
From 10% to 90% of Input Voltage Range
−3.5
+3.5
% FSR
-56
+56
mV
From 0% to 100% of Input Voltage Range
−10
+10
% FSR
-160
+160
mV
CS1 Fast OCP
Threshold Value 1
1.18
1.2
1.22
V
Threshold Value 2
0.22
0.25
0.28
V
Propagation Delay (Latency)
Debounce/blanking time not included
58
110
ns
CS2 CURRENT SENSE PINS
Input Voltage Range
Differential voltage from CS2+ to CS2−
0
120
mV
Input Voltage FSR
120
mV
Common Mode Voltage
To achieve measurement accuracy
0.9
1.15
1.4
V
Current Sink (High Side)
1.81
1.9
1.99
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com