Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1051ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1051ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1051ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1051ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ADP1051
Preliminary Technical Data
Rev. PrA | Page 8 of 17
ABSOLUTE MAXIMUM RATINGS
Table 2. Absolute Maximum Rating
Parameter
Rating
Supply Voltage (Continuous) VDD
4.2 V
Digital Pins: OUTA, OUTB, OUTC,
OUTD, SR1, SR2, PG/ALT#, SDA, SCL
−0.3 V to VDD + 0.3 V
VS- to AGND
−0.3 V to +0.3 V
VS, VF, OVP, RTD, ADD, CS1, CS2+,
CS2-
−0.3 V to VDD + 0.3 V
SYNI/FLGI, CTRL
−0.3 V to VDD + 0.3 V
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150 °C
Peak Solder Reflow Temperature
SnPb Assemblies (10 to 30 secs)
240 °C
RoHS Compliant Assemblies
(20 to 40 secs)
260 °C
ESD Charged Device Model
1.5 kV
ESD Human Body Model
5.0 kV
Stresses above those listed under Absolute Maximum Ratings may
cause permanent damage to the device. This is a stress rating only;
functional operation of the device at these or any other conditions
above those indicated in the operational section of this
specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA
θJC
Unit
24 Lead LFCSP
36.26
1.51
°C/W
SOLDERING
It is important to follow the correct guidelines when laying out the
PCB footprint for the ADP1051, and for soldering the part onto the
PCB. For detailed information about these guidelines, see the AN-
772 Application Note.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com