Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1051ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP1051ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1051ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP1051ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Preliminary Technical Data
ADP1051
Rev. PrA | Page 15 of 17
OUTLINE DIMENSIONS
Figure 14. 24-Lead 4 x 4 mm Lead frame Chip-Scale Package [LFCSP]
Mechanical Package Dimensions
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADP1051ACPZ-RL
−40°C to +125°C
24-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-24-7
ADP1051ACPZ-R7
−40°C to +125°C
24-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-24-7
ADP1051-240-EVALZ
ADP1051 240 W Evaluation Board
ADP1051DC1-EVALZ
ADP1051 Daughter Card
ADP-I2C-USB-Z
USB to I2C Adapter
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com