Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1051ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP1051ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1051ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP1051ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Preliminary Technical Data
ADP1051
Rev. PrA | Page 5 of 17
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Current Source (Low Side)
4.99 kΩ, 0.1% differential resistor
180
230
280
μA
Temperature Coefficient
70
ppm/°C
CS2 ADC
Valid Input Voltage Range
0
120
mV
ADC Clock Frequency
1.56
MHz
Resolution
12
Bits
Measurement Accuracy
-1
+1
mV
Low Side Mode with User
Trim
From 0 mV to 110 mV
−1.85
+2.1
% FSR
−2.22
+2.52
mV
From 110 mV to 120 mV
−6.1
+1.5
% FSR
−6.36
+0.84
mV
High Side Mode with User
Trim
From 0 mV to 110 mV
−1.6
+2.3
% FSR
−1.92
+2.76
mV
From 110 mV to 120 mV
−5.3
+0.7
% FSR
−6.36
+0.84
mV
CS2 Accurate OCP
Threshold Accuracy
Same as ADC accuracy
Speed
When set to 7 bits averaging speed
82
us
When set to 9 bits averaging speed
328
us
CS2 Reverse Current Comparator
Threshold Accuracy
−3 mV setting
-8.5
−3.00
0
mV
−6 mV setting
-12.0
−6
0
mV
−9 mV setting
-15.5
−9
-2.9
mV
−12 mV setting
-18.5
−12
-5.9
mV
−15 mV setting
−22.0
−15
−8.0
mV
−18 mV setting
−25.5
−18
−11.0
mV
−21 mV setting
−28.5
−21
-14.0
mV
−24 mV setting
−32
−24
−16.5
mV
Threshold Speed
Debounce = 40 ns
110
150
ns
RTD TEMPERATURE SENSE PIN
Input Voltage
Voltage from RTD to AGND
0
1.6
V
Input Voltage FSR
1.6
V
Source Current
When set to 46 μA, factory default setting
44.3
46
47.3
μA
When set to 40 μA
38.6
40
42
μA
When set to 30 μA
28.8
30
31.7
μA
When set to 20 μA
18.8
20
21.5
μA
When set to 10 μA
9.1
10
11
μA
RTD ADC
Valid Input Voltage Range
1.6
V
ADC Clock Frequency
1.56
MHz
Register Update Rate
100
Hz
Resolution
12
Bits
Measurement Accuracy
From 2% to 20% of valid input voltage
−0.3
+0.45
% FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com