Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1051ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP1051ACPZ-R7
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1051ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP1051ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1051ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ADP1051
Preliminary Technical Data
Rev. PrA | Page 6 of 17
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
−4.8
+7.2
mV
From 0% to 100% of valid input voltage
−2.6
+1.6
% FSR
OTP
Threshold Accuracy
T = 85°C with 100 kΩ||16.5 kΩ
−0.9
+0.25
% FSR
−14.4
+4
mV
T = 100°C with 100 kΩ||16.5 kΩ
-0.5
+1.1
% FSR
-8
+17.6
mV
Comparator Speed
10
ms
Temperature Readings According
to Internal Linearization Scheme
Factory trimmed to 46 µA (set Register
0xFE2D to 0xE6); NTC R0 = 100 kΩ, 1%;
beta = 4250 1%; REXT = 16.5 kΩ 1%
T = 25°C to 100°C
7
°C
T = 100°C to 125°C
5
°C
PG/ALT# (OPEN DRAIN) PIN
Output Low Level
VOL
Sinking Current = 10 mA
0.4
V
CTRL, SYNI/FLGI PINS
Input Low Level
VIL
Sinking Current = 10 mA
0.4
V
Input High Level
VIH
VDD − 0.8
V
SDA/SCL PINS
VDD = 3.3 V
Input Voltage Low
VIL
0.8
V
Input Voltage High
VIH
VDD − 1.2
V
Output Voltage Low
VOL
0.4
V
Leakage Current
−5
+5
µA
SERIAL BUS TIMING
Clock Frequency
100
400
kHz
Glitch Immunity
tSW
50
ns
Bus Free Time
tBUF
4.7
µs
Start Setup Time
tSU;STA
4.7
µs
Start Hold Time
tHD;STA
4
µs
SCL Low Time
tLOW
4.7
µs
SCL High Time
tHIGH
4
µs
SCL, SDA Rise Time
tR
1000
ns
SCL, SDA Fall Time
tF
300
ns
Data Setup Time
tSU;DAT
250
ns
Data Hold Time
tHD;DAT
300
ns
EEPROM
EEPROM Update Time
Time from the updating command to
EEPROM updating finish (TJ = 25°C)
40
ms
Reliability
Endurance1
TJ = 85°C
10,000
Cycles
TJ = 125°C
1,000
Cycles
Data Retention2
TJ = 85°C
20
Years
TJ = 125°C
10
Years
1
Endurance is qualified as per JEDEC Standard 22 Method A117 and measured at −40°C, +25°C, +85°C, and +125°C.
2
Retention lifetime equivalent at junction temperature (TJ) = 85°C as per JEDEC Standard 22 Method A117. Retention lifetime derates with junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com