Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7420UCPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADT7420UCPZ-R2
Description  짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7420UCPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADT7420UCPZ-R2 Datasheet HTML 3Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 4Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 5Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 6Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 7Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 8Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 9Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 10Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADT7420
Rev. 0 | Page 7 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
12
17 EP
11
10
1
3
4
VDD
GND
CT
9
INT
SCL
A0
2
SDA
A1
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT. THE NC PIN IS NOT
BONDED TO THE DIE INTERNALLY.
2. TO ENSURE CORRECT OPERATION, THE
EXPOSED PAD SHOULD EITHER BE LEFT
FLOATING OR CONNECTED TO GROUND.
ADT7420
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SCL
I2C Serial Clock Input. The serial clock is used to clock in and clock out data to and from any register of the ADT7420.
Open-drain configuration. A pull-up resistor is required, typically 10 kΩ.
2
SDA
I2C Serial Data Input/Output. Serial data to and from the part is provided on this pin. Open-drain configuration. A
pull-up resistor is required, typically 10 kΩ.
3
A0
I2C Serial Bus Address Selection Pin. Logic input. Connect to GND or VDD to set an I2C address.
4
A1
I2C Serial Bus Address Selection Pin. Logic input. Connect to GND or VDD to set an I2C address.
5
NC
No Connect. The NC pin is not bonded to the die internally.
6
NC
No Connect. The NC pin is not bonded to the die internally.
7
NC
No Connect. The NC pin is not bonded to the die internally.
8
NC
No Connect. The NC pin is not bonded to the die internally.
9
INT
Overtemperature and Undertemperature Indicator. Logic output. Power-up default setting is as an active low
comparator interrupt. Open-drain configuration. A pull-up resistor is required, typically 10 kΩ.
10
CT
Critical Overtemperature Indicator. Logic output. Power-up default polarity is active low. Open-drain configuration.
A pull-up resistor is required, typically 10 kΩ.
11
GND
Analog and Digital Ground.
12
VDD
Positive Supply Voltage (2.7 V to 5.5 V). The supply should be decoupled with a 0.1 μF ceramic capacitor to ground.
13
NC
No Connect. The NC pin is not bonded to the die internally.
14
NC
No Connect. The NC pin is not bonded to the die internally.
15
NC
No Connect. The NC pin is not bonded to the die internally.
16
NC
No Connect. The NC pin is not bonded to the die internally.
17
EP
Exposed Pad. To ensure correct operation, the exposed pad should either be left floating or connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com