Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7420UCPZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADT7420UCPZ-R2
Description  짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7420UCPZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADT7420UCPZ-R2 Datasheet HTML 10Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 11Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 12Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 13Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 14Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 15Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 16Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 17Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADT7420
Data Sheet
Rev. 0 | Page 14 of 24
STATUS REGISTER
This 8-bit read-only register reflects the status of the overtempera-
ture and undertemperature interrupts that can cause the CT and
INT pins to go active. It also reflects the status of a temperature
conversion operation. The interrupt flags in this register are
reset by a read operation to the status register and/or when the
temperature value returns within the temperature limits, including
hysteresis. The RDY bit is reset after a read from the temperature
value register. In one-shot and 1 SPS modes, the RDY bit is reset
after a write to the operation mode bits.
CONFIGURATION REGISTER
This 8-bit read/write register stores various configuration modes
for the ADT7420, including shutdown, overtemperature and
undertemperature interrupts, one-shot, continuous conversion,
interrupt pins polarity, and overtemperature fault queues.
Table 10. Status Register (Register Address 0x02)
Bit
Default
Value
Type
Name
Description
[3:0]
0000
R
Unused
Reads back 0.
4
0
R
TLOW
This bit is set to 1 when the temperature goes below the TLOW temperature limit. The bit clears to 0
when the status register is read and/or when the temperature measured goes back above the limit
set in the setpoint TLOW + THYST registers.
5
0
R
THIGH
This bit is set to 1 when the temperature goes above the THIGH temperature limit. The bit clears to 0
when the status register is read and/or when the temperature measured goes back below the limit
set in the setpoint THIGH − THYST registers.
6
0
R
TCRIT
This bit is set to 1 when the temperature goes above the TCRIT temperature limit. This bit clears to 0
when the status register is read and/or when the temperature measured goes back below the limit
set in the setpoint TCRIT − THYST registers.
7
1
R
RDY
This bit goes low when the temperature conversion result is written into the temperature value
register. It is reset to 1 when the temperature value register is read. In one-shot and 1 SPS modes,
this bit is reset after a write to the operation mode bits.
Table 11. Configuration Register (Register Address 0x03)
Bit
Default
Value
Type
Name
Description
[1:0]
00
R/W
Fault queue
These two bits set the number of undertemperature/overtemperature faults that can occur before setting the
INT and CT pins. This helps to avoid false triggering due to temperature noise.
00 = 1 fault (default).
01 = 2 faults.
10 = 3 faults.
11 = 4 faults.
2
0
R/W
CT pin polarity
This bit selects the output polarity of the CT pin.
0 = active low.
1 = active high.
3
0
R/W
INT pin polarity
This bit selects the output polarity of the INT pin.
0 = active low.
1 = active high.
4
0
R/W
INT/CT mode
This bit selects between comparator mode and interrupt mode.
0 = interrupt mode
1 = comparator mode
[6:5]
00
R/W
Operation mode
These two bits set the operational mode for the ADT7420.
00 = continuous conversion (default). When one conversion is finished, the ADT7420 starts another.
01 = one shot. Conversion time is typically 240 ms.
10 = 1 SPS mode. Conversion time is typically 60 ms. This operational mode reduces the average current
consumption.
11 = shutdown. All circuitry except interface circuitry is powered down.
7
0
R/W
Resolution
This bit sets up the resolution of the ADC when converting.
0 = 13-bit resolution. Sign bit + 12 bits gives a temperature resolution of 0.0625°C.
1 = 16-bit resolution. Sign bit + 15 bits gives a temperature resolution of 0.0078°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com