Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7420UCPZ-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # ADT7420UCPZ-R2
Description  짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7420UCPZ-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADT7420UCPZ-R2 Datasheet HTML 9Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 10Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 11Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 12Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 13Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 14Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 15Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 16Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
ADT7420
Rev. 0 | Page 13 of 24
REGISTERS
The ADT7420 contains 14 registers:
•
Nine temperature registers
•
A status register
•
An ID register
•
A configuration register
•
An address pointer register
•
A software reset
All registers are eight bits wide. The temperature value registers,
the status register, and the ID register are read-only. The software
reset is a write-only register. On power-up, the address pointer
register is loaded with 0x00 and points to the temperature value
most significant byte register (Register Address 0x00).
Table 6. ADT7420 Registers
Register
Address
Description
Power-On
Default
0x00
Temperature value most significant byte
0x00
0x01
Temperature value least significant byte
0x00
0x02
Status
0x00
0x03
Configuration
0x00
0x04
THIGH setpoint most significant byte
0x20 (64°C)
0x05
THIGH setpoint least significant byte
0x00 (64°C)
0x06
TLOW setpoint most significant byte
0x05 (10°C)
0x07
TLOW setpoint least significant byte
0x00 (10°C)
0x08
TCRIT setpoint most significant byte
0x49 (147°C)
0x09
TCRIT setpoint least significant byte
0x80 (147°C)
0x0A
THYST setpoint
0x05 (5°C)
0x0B
ID
0xCB
0x2F
Software reset
0xXX
ADDRESS POINTER REGISTER
This register is always the first register written to during a write
to the ADT7420. It should be set to the address of the register
to which the write or read transaction is intended. Table 7
shows the register address of each register on the ADT7420.
The default value of the address pointer register is 0x00.
Table 7. Address Pointer Register
P7
P6
P5
P4
P3
P2
P1
P0
ADD7
ADD6
ADD5
ADD4
ADD3
ADD2
ADD1
ADD0
TEMPERATURE VALUE REGISTERS
The temperature value consists of two bytes, one most signifi-
cant byte and one least significant byte. These values can be
read in two separate 1-byte reads or in a single 2-byte read. For a
2-byte read, only the address of the most significant byte must be
loaded into the address pointer register. After the most signifi-
cant byte is read, the address pointer is auto-incremented so that
the least significant byte can read within the same transaction.
Bit 0 to Bit 2 are event alarm flags for TLOW, THIGH, and TCRIT. When
the ADC is configured to convert the temperature to a 16-bit
digital value, then Bit 0 to Bit 2 are no longer used as flag bits
and are instead used as the LSBs for the extended digital value.
Table 8. Temperature Value MSB Register (Register Address 0x00)
Bit
Default Value
Type
Name
Description
[14:8]
0000000
R
Temp
Temperature value in twos complement format
15
0
R
Sign
Sign bit, indicates if the temperature value is negative or positive
Table 9. Temperature Value LSB Register (Register Address 0x01)
Bit
Default
Value
Type
Name
Description
0
0
R
TLOW flag/LSB0
Flags a TLOW event if the configuration register, Register Address 0x03[7] = 0 (13-bit
resolution). When the temperature value is below TLOW, this bit it set to 1.
Contains the Least Significant Bit 0 of the 15-bit temperature value if the configuration
register, Register Address 0x03[7] = 1 (16-bit resolution).
1
0
R
THIGH flag/LSB1
Flags a THIGH event if the configuration register, Register Address 0x03[7] = 0 (13-bit
resolution). When the temperature value is above THIGH, this bit it set to 1.
Contains the Least Significant Bit 1 of the 15-bit temperature value if the configuration
register, Register Address 0x03[7] = 1 (16-bit resolution).
2
0
R
TCRIT flag/LSB2
Flags a TCRIT event if the configuration register, Register Address 0x03[7] = 0 (13-bit
resolution). When the temperature value exceeds TCRIT, this bit it set to 1.
Contains the Least Significant Bit 2 of the 15-bit temperature value if the configuration
register, Register Address 0x03[7] = 1 (16-bit resolution).
[7:3]
00000
R
Temp
Temperature value in twos complement format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com