Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7420UCPZ-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # ADT7420UCPZ-R2
Description  짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7420UCPZ-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADT7420UCPZ-R2 Datasheet HTML 14Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 15Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 16Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 17Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 18Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 19Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 20Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 21Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADT7420
Data Sheet
Rev. 0 | Page 18 of 24
WRITING DATA
It is possible to write either a single byte of data or two bytes to
the ADT7420, depending on which registers are to be written.
Writing a single byte of data requires the serial bus address, the
data register address written to the address pointer register,
followed by the data byte written to the selected data register.
This is shown in Figure 14.
For the THIGH setpoint, TLOW setpoint, and TCRIT setpoint
registers, it is possible to write to both the MSB and the LSB
registers in the same write transaction. Writing two bytes of
data to these registers requires the serial bus address, the data
register address of the MSB register written to the address
pointer register, followed by the two data bytes written to
the selected data register. This is shown in Figure 15.
If more than the required number of data bytes is written to a
register, the register ignores these extra data bytes. To write to
a different register, a start or repeated start is required.
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
ACK. BY
ADT7420
ACK. BY
ADT7420
ACK. BY
ADT7420
STOP BY
MASTER
FRAME 3
DATA BYTE
SDA (CONTINUED)
SCL (CONTINUED)
SCL
SDA
START BY
MASTER
1
0
0
1
0
A1
A0
P7
P6
P5
P4P3
P2P1P0
9
D7
D6
D5
D4
D3
D2
D1
D0
R/W
1
9
1
9
1
Figure 14. Writing to a Register Followed by a Single Byte of Data
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
ACK. BY
ADT7420
ACK. BY
ADT7420
ACK. BY
ADT7420
STOP BY
MASTER
FRAME 4
DATA BYTE
SCL
SDA
START BY
MASTER
1
0
0
1
0
A1
A0
P7
P6
P5
P4P3
P2P1P0
9
D7
D6
D5
D4
D3
D2
D1
D0
R/W
1
9
1
9
1
ACK. BY
ADT7420
FRAME 3
DATA BYTE
SDA (CONTINUED)
SCL (CONTINUED)
D15
D14
D13
D12
D11
D10
D9
D8
9
1
Figure 15. Writing to a Register Followed by Two Bytes of Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com