Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7420UCPZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # ADT7420UCPZ-R2
Description  짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7420UCPZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADT7420UCPZ-R2 Datasheet HTML 13Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 14Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 15Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 16Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 17Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 18Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 19Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 20Page - Analog Devices ADT7420UCPZ-R2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
ADT7420
Rev. 0 | Page 17 of 24
SERIAL INTERFACE
ADT7420
SCL
CT
INT
A1
A0
SDA
GND
VDD
10kΩ
10kΩ
10kΩ
PULL-UP
VDD
PULL-UP
VDD
0.1µF
10kΩ
PULL-UP
VDD
TO INTERRUPT PIN
ON MICROCONTROLLER
VDD
Figure 13. Typical I2C Interface Connection
Control of the ADT7420 is carried out via the I2C-compatible
serial interface. The ADT7420 is connected to this bus as a slave
and is under the control of a master device.
Figure 13 shows a typical I2C interface connection.
SERIAL BUS ADDRESS
Like most I2C-compatible devices, the ADT7420 has a 7-bit
serial address. The five MSBs of this address for the ADT7420
are hardwired internally to 10010. Pin A1 and Pin A0 set the
two LSBs. These pins can be configured two ways, low and
high, to give four different address options. Table 20 shows
the different bus address options available. The recommended
pull-up resistor value on the SDA and SCL lines is 10 kΩ.
Table 20. I2C Bus Address Options
Binary
Hex
A6
A5
A4
A3
A2
A1
A0
1
0
0
1
0
0
0
0x48
1
0
0
1
0
0
1
0x49
1
0
0
1
0
1
0
0x4A
1
0
0
1
0
1
1
0x4B
The serial bus protocol operates as follows:
1. The master initiates data transfer by establishing a start
condition, defined as a high-to-low transition on the serial
data line, SDA, while the serial clock line, SCL, remains
high. This indicates that an address/data stream is going
to follow. All slave peripherals connected to the serial bus
respond to the start condition and shift in the next eight
bits, consisting of a 7-bit address (MSB first) plus a read/
write (R/W) bit. The R/W bit determines whether data is
written to, or read from, the slave device.
2. The peripheral with the address corresponding to the
transmitted address responds by pulling the data line low
during the low period before the ninth clock pulse, known
as the acknowledge bit. All other devices on the bus then
remain idle while the selected device waits for data to be
read from or written to it. If the R/W bit is a 0, the master
writes to the slave device. If the R/W bit is a 1, the master
reads from the slave device.
3. Data is sent over the serial bus in sequences of nine clock
pulses, eight bits of data followed by an acknowledge bit
from the receiver of data. Transitions on the data line must
occur during the low period of the clock signal and remain
stable during the high period as a low-to-high transition when
the clock is high, which can be interpreted as a stop signal.
4. When all data bytes have been read or written, stop condi-
tions are established. In write mode, the master pulls the
data line high during the 10th clock pulse to assert a stop
condition. In read mode, the master device pulls the data
line high during the low period before the ninth clock
pulse. This is known as a no acknowledge. The master
takes the data line low during the low period before the
10th clock pulse, then high during the 10th clock pulse to
assert a stop condition.
It is not possible to mix read and write in one operation because
the type of operation is determined at the beginning and cannot
subsequently be changed without starting a new operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com