Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC220 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC220
Description  20MHz, 650mA, X-EMI??Enabled Synchronous Step-Down Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC220 Datasheet(HTML) 5 Page - Semtech Corporation

  SC220_13 Datasheet HTML 1Page - Semtech Corporation SC220_13 Datasheet HTML 2Page - Semtech Corporation SC220_13 Datasheet HTML 3Page - Semtech Corporation SC220_13 Datasheet HTML 4Page - Semtech Corporation SC220_13 Datasheet HTML 5Page - Semtech Corporation SC220_13 Datasheet HTML 6Page - Semtech Corporation SC220_13 Datasheet HTML 7Page - Semtech Corporation SC220_13 Datasheet HTML 8Page - Semtech Corporation SC220_13 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
SC220 x
SC220Q
Pin Descriptions
Pin # Pin Name Pin Function

SW
Switching output node — connect to the output LC filter.
2
PVIN
Power input supply voltage (2.7 to 5.5V).
3
VOUT
Input for sensing the output of LC filter.
4
FB
Input for regulation of output LC filter — Using R
 and R2 to set the output voltage, VOUT = VFB x (+ R/R2). (Please refer
to the typical application circuit diagram on page ).
5
EN
Enable Input — when low, circuit draws <µA. Apply a square wave clock at EN to synchronize the switching frequency
with an external clock. It is recommended that the externally applied clock frequency should not be above 20MHz.
6
AVIN
Input supply voltage
7
AGND
Analog ground
8
PGND
Power ground
Block Diagram
S W
P GN D
E N
A V IN
P V IN
FB
6
A GN D
8
4
1
7
3
2
5
V OU T
C LIM
C om pensator
C ontrol Logic
ZC D
+
-
1 .0 V
+
-
Frequency
C ontrol
S oft-S tart
Therm al
S hutdow n
R E F
1.0V
OS C
20 M H z
D river
E xternal Freq .
S ynchronization
C om p
E rror
A m p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com