Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC220 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC220
Description  20MHz, 650mA, X-EMI??Enabled Synchronous Step-Down Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC220 Datasheet(HTML) 1 Page - Semtech Corporation

  SC220_13 Datasheet HTML 1Page - Semtech Corporation SC220_13 Datasheet HTML 2Page - Semtech Corporation SC220_13 Datasheet HTML 3Page - Semtech Corporation SC220_13 Datasheet HTML 4Page - Semtech Corporation SC220_13 Datasheet HTML 5Page - Semtech Corporation SC220_13 Datasheet HTML 6Page - Semtech Corporation SC220_13 Datasheet HTML 7Page - Semtech Corporation SC220_13 Datasheet HTML 8Page - Semtech Corporation SC220_13 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
POWER MANAGEMENT

SC220 x
SC220Q
20MHz, 650mA, X-EMI™-Enabled
Synchronous Step-Down Regulator
Features
Patented X-EMITM Inductor Technology
Enables Trace Inductors in PC Board Material
Excellent EMI Performance
Efficiency up to 90%
9µA Quiescent Current under Very Light Loads
Wide Input Voltage Range — 2.7V to 5.5V
Adjustable Output Voltage Down to .0V
Output DC Current — up to 650mA
High Light-load Efficiency via Automatic PSAVE Mode
Ultra-fast Transient Response — <µs
Temperature Range — -40 to +85°C
Shutdown Current — 0.µA (typical)
Requires Tiny 220nH Inductor
Requires Only μF of Output Capacitance
External Switching Frequency Synchronization
Protection Features Including
Over-Current Protection
Output Short-Circuit Protection
Thermal Shutdown Protection
Offered in SOIC 8 Lead Package
Lead-free, halogen-free, and RoHS/WEEE Compliant
AEC-Q00 Qualified Version Available
Applications
HDTV, Set Top Boxes, Gaming Consoles
POL Applications
White Goods
Automotive AEC-Q00 Qualified Applications
Description
The SC220/Q is a 20MHz X-EMI™()-enabled step-down
regulator optimized for power low voltage rails from 2.7
to 5.5V input voltage. X-EMI™ inductor technology
enables inductors to be drawn directly on the PC board.
This technology meets or exceeds the EMI performance
of chip inductors and eliminates the need for discrete
inductors.
The SC220/Q uses a unique constant frequency, self-
oscillating control loop architecture to provide excellent
transient performance. Under light loads, the device
operates in Power Save mode(PSAVE) maintaining a
typical quiescent current of 9µA. At moderate to heavy
loads, this part operates in PWM mode with a constant
switching frequency of 20MHz. This high switching fre-
quency offers the advantages of using small and low cost
external components like a µF external capacitor and a
small 220nH inductor (including X-EMITM PCB trace
inductors).
The device provides adjustable output voltages down to
.0V and an output current up to 650mA. An EN pin can
be used to synchronize to an external source and includes
de-glitching to reduce noise sensitivity.
The SC220/Q is available in SOIC 8 lead package.
The SC220Q is an AEC-Q00 qualified version.
Note : Purchase of SC220/Q includes royalty-free right to use X-EMITM inductor technology with no addi-
tional cost.
Typical Application Circuit
January 5, 203
SC220
SC220Q
AG ND
SW
VO UT
VIN
L, 220nH
COUT
1 µF
EN
Enable
FB
AVIN
PVIN
CIN
1 µF
R1
R2
PG ND
VOUT=1.8V
up to 650m A
2.7~5.5V


Similar Part No. - SC220_13

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SC220-40 ZARLINK-SC220-40 Datasheet
614Kb / 34P
XpressFlow 2020 Ethernet Routing Switch Chipset
SC220-50 ZARLINK-SC220-50 Datasheet
614Kb / 34P
XpressFlow 2020 Ethernet Routing Switch Chipset
SC220-66 ZARLINK-SC220-66 Datasheet
614Kb / 34P
XpressFlow 2020 Ethernet Routing Switch Chipset
logo
National Semiconductor ...
SC2200 NSC-SC2200 Datasheet
3Mb / 433P
Thin Client On a Chip
logo
Maxim Integrated Produc...
SC2200 MAXIM-SC2200 Datasheet
409Kb / 11P
Dual RF Power Amplifier Linearizer (RFPAL)
Rev 1; 6/16
More results

Similar Description - SC220_13

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC185 SEMTECH-SC185 Datasheet
946Kb / 18P
4A Synchronous Step-Down Regulator
SC220 SEMTECH-SC220 Datasheet
364Kb / 14P
20MHz, 650mA, X-EMI??Enabled Synchronous Step-Down Regulator
logo
Linear Technology
LTC1625 LINER-LTC1625_15 Datasheet
387Kb / 24P
Synchronous Step-Down Switching Regulator
logo
Semtech Corporation
SC221 SEMTECH-SC221 Datasheet
921Kb / 14P
Synchronous Step-Down Regulator
logo
Texas Instruments
TPS563201 TI1-TPS563201 Datasheet
1Mb / 25P
Synchronous Step-Down Voltage Regulator
logo
Bookly Micro electronic
BM1584 BOOKLY-BM1584 Datasheet
5Mb / 8P
Synchronous Step-Down Regulator
BM1588 BOOKLY-BM1588 Datasheet
1Mb / 6P
Synchronous Step-Down Regulator
BM1707 BOOKLY-BM1707 Datasheet
506Kb / 13P
Synchronous Step-Down Regulator
logo
Analog Devices
LT7101 AD-LT7101 Datasheet
3Mb / 38P
105V, 1A Low EMI Synchronous Step-Down Regulator
logo
Semtech Corporation
SC220 SEMTECH-SC220_V01 Datasheet
745Kb / 14P
20MHz, 650mA, X-EMI™-Enabled Synchronous Step-Down Regulator
January 15, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com