Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC220 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC220
Description  20MHz, 650mA, X-EMI??Enabled Synchronous Step-Down Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC220 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC220_13 Datasheet HTML 3Page - Semtech Corporation SC220_13 Datasheet HTML 4Page - Semtech Corporation SC220_13 Datasheet HTML 5Page - Semtech Corporation SC220_13 Datasheet HTML 6Page - Semtech Corporation SC220_13 Datasheet HTML 7Page - Semtech Corporation SC220_13 Datasheet HTML 8Page - Semtech Corporation SC220_13 Datasheet HTML 9Page - Semtech Corporation SC220_13 Datasheet HTML 10Page - Semtech Corporation SC220_13 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
SC220 x
SC220Q
Load Transient Response
Load Transient Response
Typical Characteristics (Continuous)
V
IN = 3.7V, VOUT = 2.0V, IOUT = 0mA - 650mA
Time (1µs/div)
V
OUT (ac coupled)
00mV/div.
I
OUT
200mA/div.
V
IN = 3.7V, VOUT = 2.0V, IOUT = 200mA - 500mA
Time (1µs/div)
V
OUT (ac coupled)
50mV/div.
I
OUT
200mA/div.
Steady State Operation (I
OUT = 50mA)
Steady State Operation (I
OUT = 300mA)
Time (200ns/div)
I
OUT
50mA/div.
V
IN = 3.6V, VOUT = .8V, IOUT = 50mA
I
L
200mA/div.
V
SW
2V/div.
Time (50ns/div)
I
OUT
200mA/div.
V
IN = 3.6V, VOUT = .8V, IOUT = 300mA
I
L
200mA/div.
V
SW
2V/div.
Output Hard Short
Time (500ns/div)
V
OUT
V/div.
V
IN = 5.0V, VOUT = .8V, IOUT = 650mA
I
L
500mA/div.
I
OUT
500mA/div.
Input Quiescent Current vs. Temperature
Temperature (°C)
-40
-20
0
20
40
80
8
8.5
20.0
9.0
9.5
V
IN = 5.5V, EN = High, FB = High
60
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com