Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC220 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC220
Description  20MHz, 650mA, X-EMI??Enabled Synchronous Step-Down Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC220 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC220_13 Datasheet HTML 6Page - Semtech Corporation SC220_13 Datasheet HTML 7Page - Semtech Corporation SC220_13 Datasheet HTML 8Page - Semtech Corporation SC220_13 Datasheet HTML 9Page - Semtech Corporation SC220_13 Datasheet HTML 10Page - Semtech Corporation SC220_13 Datasheet HTML 11Page - Semtech Corporation SC220_13 Datasheet HTML 12Page - Semtech Corporation SC220_13 Datasheet HTML 13Page - Semtech Corporation SC220_13 Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
2
SC220 x
SC220Q
Outline Drawing — SOIC 8 Lead
SEE DETAIL
DETAIL
A
A
.050 BSC
.236 BSC
8
.010
.150
.189
.154
.193
.012
-
8
0.25
1.27 BSC
6.00 BSC
3.90
4.90
-
.157
.197
3.80
4.80
.020 0.31
4.00
5.00
0.51
bxN
2X N/2 TIPS
SEATING
aaa C
E/2
2X
1 2
N
A
D
A1
E1
bbb
C A-B D
ccc C
e/2
A2
(.041)
.004
.008
-
.028
-
-
-
-
0°
.016
.007
.049
.004
.053
8°
0°
0.20
0.10
-
8°
0.40
0.17
1.25
0.10
.041
.010
.069
.065
.010
1.35
(1.04)
0.72
-
1.04
0.25
-
-
-
1.75
1.65
0.25
0.25
-
.010
.020
0.50
-
c
L
(L1)
01
0.25
G AG E
PLANE
h
h
3. DIM ENSIONS "E1" AND "D" DO NO T INCLUDE M O LD FLASH, PROTRUSIONS
O R G ATE BURRS.
-B-
CO NTRO LLING DIM ENSIO NS ARE IN M ILLIM ETERS (ANGLES IN DEGREES).
DATUM S
AND
TO BE DETERM INED AT DATUM PLANE
NO TES:
1.
2.
-A-
-H-
SIDE VIEW
A
B
C
D
e
H
PLANE
REFERENCE JEDEC STD M S-012, VARIATION AA.
4.
L1
N
01
bbb
aaa
ccc
A
b
A2
A1
D
E
E1
L
h
e
c
DIM
M IN
M ILLIM ETERS
NOM
DIM ENSIONS
INCHES
M IN
M AX
M AX
NOM
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com