Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC220 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC220
Description  20MHz, 650mA, X-EMI??Enabled Synchronous Step-Down Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC220 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC220_13 Datasheet HTML 6Page - Semtech Corporation SC220_13 Datasheet HTML 7Page - Semtech Corporation SC220_13 Datasheet HTML 8Page - Semtech Corporation SC220_13 Datasheet HTML 9Page - Semtech Corporation SC220_13 Datasheet HTML 10Page - Semtech Corporation SC220_13 Datasheet HTML 11Page - Semtech Corporation SC220_13 Datasheet HTML 12Page - Semtech Corporation SC220_13 Datasheet HTML 13Page - Semtech Corporation SC220_13 Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
3
SC220 x
SC220Q
Land Pattern —SOIC 8 Lead
(.205)
(5.20)
Z
G
Y
P
(C)
3.00
.118
1.27
.050
0.60
.024
2.20
.087
7.40
.291
X
INCHES
DIM ENSIONS
Z
P
Y
X
DIM
C
G
M ILLIM ETERS
THIS LAND PATTERN IS FO R REFERENCE PURPOSES O NLY.
CONSULT YOUR M ANUFACTURING GROUP TO ENSURE YOUR
COM PANY'S M ANUFACTURING G UIDELINES ARE M ET.
NO TES:
1.
REFERENCE IPC-SM -782A, RLP NO . 300A.
2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com