Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16445/PCBZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADIS16445/PCBZ
Description  Compact, Precision Six Degrees of Freedom Inertial Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16445/PCBZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADIS16445/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADIS16445
Rev. A | Page 9 of 24
USER REGISTERS
Table 6. User Register Memory Map
Name
R/W
Flash Backup
Address1
Default
Function
Bit Assignments
FLASH_CNT
R
Yes
0x00
N/A
Flash memory write count
See Table 26
Reserved
N/A
N/A
0x02
N/A
N/A
N/A
XGYRO_OUT
R
No
0x04
N/A
X-axis gyroscope output
See Table 9
YGYRO_OUT
R
No
0x06
N/A
Y-axis gyroscope output
See Table 10
ZGYRO_OUT
R
No
0x08
N/A
Z-axis gyroscope output
See Table 11
XACCL_OUT
R
No
0x0A
N/A
X-axis accelerometer output
See Table 13
YACCL_OUT
R
No
0x0C
N/A
Y-axis accelerometer output
See Table 14
ZACCL_OUT
R
No
0x0E
N/A
Z-axis accelerometer output
See Table 15
Reserved
N/A
N/A
0x10 to 0x16
N/A
Reserved
N/A
TEMP_OUT
R
No
0x18
N/A
Temperature output
See Table 17
XGYRO_OFF
R/W
Yes
0x1A
0x0000
X-axis gyroscope bias offset factor
See Table 30
YGYRO_OFF
R/W
Yes
0x1C
0x0000
Y-axis gyroscope bias offset factor
See Table 31
ZGYRO_OFF
R/W
Yes
0x1E
0x0000
Z-axis gyroscope bias offset factor
See Table 32
XACCL_OFF
R/W
Yes
0x20
0x0000
X-axis acceleration bias offset factor
See Table 33
YACCL_OFF
R/W
Yes
0x22
0x0000
Y-axis acceleration bias offset factor
See Table 34
ZACCL_OFF
R/W
Yes
0x24
0x0000
Z-axis acceleration bias offset factor
See Table 35
Reserved
N/A
N/A
0x26 to 0x30
N/A
Reserved
N/A
GPIO_CTRL
R/W
No
0x32
0x0000
Auxiliary digital input/output control
See Table 27
MSC_CTRL
R/W
Yes
0x34
0x0006
Miscellaneous control
See Table 24
SMPL_PRD
R/W
Yes
0x36
0x0001
Internal sample period (rate) control
See Table 28
SENS_AVG
R/W
Yes
0x38
0x0402
Dynamic range and digital filter control
See Table 29
Reserved
N/A
N/A
0x3A
N/A
Reserved
N/A
DIAG_STAT
R
No
0x3C
0x0000
System status
See Table 25
Reserved
N/A
N/A
0x3A
N/A
Reserved
N/A
GLOB_CMD
W
N/A
0x3E
0x0000
System command
See Table 19
ALM_MAG1
R/W
Yes
0x40
0x0000
Alarm 1 amplitude threshold
See Table 36
ALM_MAG2
R/W
Yes
0x42
0x0000
Alarm 2 amplitude threshold
See Table 37
ALM_SMPL1
R/W
Yes
0x44
0x0000
Alarm 1 sample size
See Table 38
ALM_SMPL2
R/W
Yes
0x46
0x0000
Alarm 2 sample size
See Table 39
ALM_CTRL
R/W
Yes
0x48
0x0000
Alarm control
See Table 40
Reserved
N/A
N/A
0x4A to 0x51
N/A
Reserved
N/A
LOT_ID1
R
Yes
0x52
N/A
Lot identification number
See Table 20
LOT_ID2
R
Yes
0x54
N/A
Lot identification number
See Table 21
PROD_ID
R
Yes
0x56
0x403D
Product identifier
See Table 22
SERIAL_NUM
R
Yes
0x58
N/A
Lot-specific serial number
See Table 23
1
Each register contains two bytes. The address of the lower byte is displayed. The address of the upper byte is equal to the address of the lower byte plus 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com