Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16445/PCBZ Datasheet(PDF) 15 Page - Analog Devices

Part # ADIS16445/PCBZ
Description  Compact, Precision Six Degrees of Freedom Inertial Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16445/PCBZ Datasheet(HTML) 15 Page - Analog Devices

Back Button ADIS16445/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
ADIS16445
Rev. A | Page 15 of 24
STATUS/ERROR FLAGS
The DIAG_STAT register in Table 25 provides error flags for
a number of functions. Each flag uses 1 to indicate an error con-
dition and 0 to indicate a normal condition. Reading this register
provides access to the status of each flag and resets all of the bits
to 0 for monitoring future operation. If the error condition remains,
the error flag returns to 1 at the conclusion of the next sample
cycle. DIAG_STAT[0] does not require a read of this register
to return to 0. If the power supply voltage goes back into range,
this flag clears automatically. The SPI communication error flag
in DIAG_STAT[3] indicates that the number of SCLKs in a SPI
sequence did not equal a multiple of 16 SCLKs.
Table 25. DIAG_STAT (Base Address = 0x3C), Read Only
Bits
Description (Default = 0x0000)
15
Z-axis accelerometer self-test failure
1 = fail, 0 = pass
14
Y-axis accelerometer self-test failure
1 = fail, 0 = pass
13
X-axis accelerometer self-test failure
1 = fail, 0 = pass
12
Z-axis gyroscope self-test failure
0 = pass
11
Y-axis gyroscope self-test failure
1 = fail, 0 = pass
10
X-axis gyroscope self-test failure
1 = fail, 0 = pass
9
Alarm 2 status
1 = active, 0 = inactive
8
Alarm 1 status
1 = active, 0 = inactive
7
Not used
6
Flash test, checksum flag
1 = fail, 0 = pass
5
Self-test diagnostic error flag
1 = fail, 0 = pass
4
Sensor overrange
1 = overrange, 0 = normal
3
SPI communication failure
1 = fail, 0 = pass
2
Flash update failure
1 = fail, 0 = pass
[1:0]
Not used
MEMORY MANAGEMENT
The FLASH_CNT register in Table 26 provides a 16-bit counter
that helps track the number of write cycles to the nonvolatile flash
memory. The flash updates every time a manual flash update
occurs. A manual flash update is initiated by the GLOB_CMD[3]
bit and is performed at the completion of the GLOB_CMD[1:0]
functions (see Table 19).
Table 26. FLASH_CNT (Base Address = 0x00), Read Only
Bits
Description
[15:0]
Binary counter
Checksum Test
Set MSC_CTRL[11] = 1 (DIN = 0xB508) to perform a check-
sum test of the internal program memory. This function takes
a summation of the internal program memory and compares
it with the original summation value for the same locations
(from factory configuration). If the sum matches the correct
value, DIAG_STAT[6] is equal to 0. If it does not match,
DIAG_STAT[6] is equal to 1. Make sure that the power supply
is within specification for the entire 20 ms that this function
takes to complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com