Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16445/PCBZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADIS16445/PCBZ
Description  Compact, Precision Six Degrees of Freedom Inertial Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16445/PCBZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADIS16445/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
ADIS16445
Rev. A | Page 11 of 24
Burst Read Function
The burst read function enables the user to read all output registers
using one command on the DIN line, 0x3E00. When using this
mode, one can read all of the data in one continuous stream of
bits (no stall time between each register). After the 0x3E00
command, use 12 sequential, 16-bit read commands to complete
the sequence (DIN is “don’t care” after 0x3E00). Figure 13 provides
the burst read sequence of data on each SPI signal. The sequence
starts with writing 0x3E00 to DIN, followed by each output
register clocking out on DOUT, in the order in which they
appear in Figure 12.
GLOB_CMD
CS
SCLK
DIN
DOUT
XGYRO_OUT
DIAG_STAT
TEMP_OUT
12
3
9
Figure 13. Burst Read Sequence
SPI Read Test Sequence
Figure 14 provides a test pattern for testing the SPI communica-
tion. In this pattern, write 0x5600 to the DIN line in a repeating
pattern and raise chip select for at least 9 μs between each 16-bit
sequence. Starting with the second 16-bit sequence, DOUT
produces the contents of the PROD_ID register, 0x403D (see
Table 22).
DOUT = 0100 0000 0011 1101 = 0x403D = 16,445
DIN = 0101 0110 0000 0000 = 0x5600
SCLK
CS
DIN
DOUT
Figure 14. SPI Test Read Pattern DIN = 0x5600, DOUT = 0x403D
DEVICE CONFIGURATION
The control registers in Table 6 provide users with a variety of
configuration options. The SPI provides access to these registers,
one byte at a time, using the bit assignments in Figure 12. Each
register has 16 bits, where Bits[7:0] represent the lower address,
and Bits[15:8] represent the upper address. Figure 15 provides
an example of writing 0x04 to Address 0x37 (SMPL_PRD[15:8],
using DIN = 0xB704). This example reduces the sample rate by
a factor of eight (see Table 28).
SCLK
CS
DIN
DIN = 1011 0111 0000 0100 = 0xB704, WRITES 0x04 TO ADDRESS 0x37.
Figure 15. Example SPI Write Sequence
Dual Memory Structure
Writing configuration data to a control register updates its
SRAM contents, which are volatile. After optimizing each
relevant control register setting in a system, set GLOB_CMD[3]
= 1 (DIN = 0xBE08) to back up these settings in nonvolatile
flash memory. The flash backup process requires a valid power
supply level for the entire process time, 75 ms. Table 6 provides
a user register memory map that includes a flash backup
column. A Yes in this column indicates that a register has a
mirror location in flash and, when backed up properly, it
automatically restores itself during startup or after a reset.
Figure 16 provides a diagram of the dual memory structure
used to manage operation and store critical user settings.
NONVOLATILE
FLASH MEMORY
(NO SPI ACCESS)
MANUAL
FLASH
BACKUP
START-UP
RESET
VOLATILE
SRAM
SPI ACCESS
Figure 16. SRAM and Flash Memory Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com