Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16445/PCBZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADIS16445/PCBZ
Description  Compact, Precision Six Degrees of Freedom Inertial Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16445/PCBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADIS16445/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADIS16445
Data Sheet
Rev. A | Page 14 of 24
SYSTEM FUNCTIONS
GLOBAL COMMANDS
The GLOB_CMD register in Table 19 provides trigger bits
for software reset, flash memory management, and calibration
control. Start each of these functions by writing a 1 to the assigned
bit in GLOB_CMD. After completing the task, the bit automati-
cally returns to 0.
For example, set GLOB_CMD[7] = 1 (DIN = 0xBE80) to initiate
a software reset. Set GLOB_CMD[3] = 1 (DIN = 0xBE08) to back
up the user register contents in nonvolatile flash. This sequence
includes loading the control registers with the data in their
respective flash memory locations prior to producing new data.
Table 19. GLOB_CMD (Base Address = 0x3E), Write Only
Bits
Description (Default = 0x0000)
[15:8]
Not used
7
Software reset
[6:4]
Not used
3
Flash update
2
Not used
1
Factory calibration restore
0
Gyroscope bias correction
PRODUCT IDENTIFICATION
The PROD_ID register in Table 22 contains the binary equivalent
of 16,445. It provides a product-specific variable for systems that
need to track this in their system software. The LOT_ID1 and
LOT_ID2 registers in Table 20 and Table 21, respectively, combine
to provide a unique, 32-bit lot identification code.
The SERIAL_NUM register in Table 23 contains a binary
number that represents the serial number on the device label.
The assigned serial numbers in SERIAL_NUM are lot specific.
Table 20. LOT_ID1 (Base Address = 0x52), Read Only
Bits
Description
[15:0]
Lot identification, binary code
Table 21. LOT_ID2 (Base Address = 0x54), Read Only
Bits
Description
[15:0]
Lot identification, binary code
Table 22. PROD_ID (Base Address = 0x56), Read Only
Bits
Description (Default = 0x403D)
[15:0]
Product identification = 0x403D (16,445)
Table 23. SERIAL_NUM (Base Address = 0x58), Read Only
Bits
Description
[15:12]
Reserved
[11:0]
Serial number, 1 to 4094 (0xFFE)
SELF-TEST FUNCTION
The MSC_CTRL register in Table 24 provides a self-test function
for the gyroscopes and accelerometers. This function allows the
user to verify the mechanical integrity of each MEMS sensor.
When enabled, the self test applies an electrostatic force to each
internal sensor element, which causes them to move. The move-
ment in each element simulates its response to actual rotation/
acceleration and generates a predictable electrical response in the
sensor outputs. Set MSC_CTRL[10] = 1 (DIN = 0xB504) to activate
the internal self-test routine, which compares the response to an
expected range of responses and reports a pass/fail response to
DIAG_STAT[5]. If this bit is high, review DIAG_STAT[15:10] to
identify the failing sensor.
Table 24. MSC_CTRL (Base Address = 0x34), Read/Write
Bits
Description (Default = 0x0006)
[15:12]
Not used
11
Checksum memory test (cleared upon completion)1
1 = enabled, 0 = disabled
10
Internal self test (cleared upon completion)1
1 = enabled, 0 = disabled
[9:8]
Do not use, always set to 00
7
Not used
6
Point of percussion, see Figure 21
1 = enabled, 0 = disabled
[5:3]
Not used
2
Data ready enable
1 = enabled, 0 = disabled
1
Data ready polarity
1 = active high when data is valid
0 = active low when data is valid
0
Data ready line select
1 = DIO2, 0 = DIO1
1
The bit is automatically reset to 0 after finishing the test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com