Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16445/PCBZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADIS16445/PCBZ
Description  Compact, Precision Six Degrees of Freedom Inertial Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16445/PCBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADIS16445/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 22Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 23Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADIS16445
Rev. A | Page 21 of 24
APPLICATIONS INFORMATION
POWER SUPPLY CONSIDERATIONS
The power supply must be within 3.15 V and 3.45 V for normal
operation and optimal performance. During start up, the
internal power conversion system starts drawing current when
VDD reaches 1.6 V. The internal processor begins initializing
when VDD is equal to 2.35 V. After the processor starts, VDD
must reach 2.7 V within 128 ms. Also, make sure that the power
supply drops below 1.6 V to shut the device down. Figure 9
shows a 10 μF capacitor on the power supply. Using this
capacitor supports optimal noise performance in the sensors.
ADIS16445/PCBZ
The ADIS16445/PCBZ includes one ADIS16445AMLZ, one
interface PCB, and one flexible connector/cable. This particular
flexible cable mates the ADIS16445AMLZ to any system that
is currently using the ADIS1636x, ADIS16375, ADIS16385,
ADIS1640x, or ADIS1648x IMU products, which use a 24-pin
interface, rather than the 20-pin interface that the ADIS16445
uses. This combination of components enables quicker install-
ation for prototype evaluation and algorithm development.
Figure 22 provides a mechanical design example for using
these three components in a system.
ADIS16445AMLZ
INTERFACE PCB
33.40mm
23.75mm
20.15mm
30.10mm
10.07mm
15.05mm
J1
1
11
1
11
12
2
12
2
J2
NOTES
1. USE FOUR M2 MACHINE SCREWS TO ATTACH THE ADIS16445.
2. USE FOUR M3 MACHINE SCREWS TO ATTACH THE INTERFACE PCB.
FLEXIBLE CONNECTOR/CABLE
15mm TO
45mm
Figure 22. Physical Diagram for Mounting the ADIS16445/PCBZ
Figure 23 provides the pin assignments for the interface board.
1
2
3
4
5
6
7
8
9
10
11
12
DNC
DNC
DNC
DNC
DIO2
DNC
DNC
DIO1
DIO4
DIO3
GND
J2
GND
2
4
6
8
10
1
3
5
7
9
11
12
RST
CS
GND
GND
VDD
GND
VDD
VDD
DIN
DOUT
SCLK
J1
DNC
Figure 23. J1/J2 Pin Assignments for Interface PCB
Installation
The following steps provide an example installation process for
using these three components:
Drill and tap M2 and M3 holes in the system frame, according
to the locations in Figure 22.
Install the ADIS16445 using M2 machine screws. Use a
mounting torque of 25 inch-ounces.
Install the interface PCB using M3 machine screws.
Connect J1 on the interface flex to the ADIS16445AMLZ
connector.
Connect J2 on the interface flex to J3 on the interface PCB.
Note that J2 (interface flex) has 20 pins and J3 (interface PCB)
has 24 pins. Make sure that Pin 1 on J2 (interface flex)
connects to Pin 20 on J3 (interface PCB). J3 has a Pin 1
indicator to help guide this connection.
Use J1 and J2 on the interface PCB to make the electrical
connection with the system supply and embedded pro-
cessor, using 12-pin, 1 mm ribbon cables. The following
parts may be useful in building this type of cable: 3M
Part Number 152212-0100-GB (ribbon crimp connector)
and 3M Part Number 3625/12 (ribbon cable).
The C1/C2 pads on the interface PCB do not have capacitors
on them, but these pads can support the suggested power
supply capacitor of 10 μF (see Figure 9).
PC-BASED EVALUATION TOOLS
The EVAL-ADIS supports PC-based evaluation of the
ADIS16445. Go to www.analog.com/EVAL-ADIS, to down-
load the user guide (UG-287) and software (IMU evaluation).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com