Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2129QTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST2129QTR
Description  2-bit dual supply level translator without direction control pin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2129QTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST2129QTR Datasheet HTML 2Page - STMicroelectronics ST2129QTR Datasheet HTML 3Page - STMicroelectronics ST2129QTR Datasheet HTML 4Page - STMicroelectronics ST2129QTR Datasheet HTML 5Page - STMicroelectronics ST2129QTR Datasheet HTML 6Page - STMicroelectronics ST2129QTR Datasheet HTML 7Page - STMicroelectronics ST2129QTR Datasheet HTML 8Page - STMicroelectronics ST2129QTR Datasheet HTML 9Page - STMicroelectronics ST2129QTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Maximum ratings
ST2129
6/20
Doc ID 15967 Rev 1
4
Maximum ratings
Stressing the device above the rating listed in Table 4 may cause permanent damage to the
device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the operating sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
4.1
Recommended operating conditions
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VL
Supply voltage
-0.3 to 4.6
V
VCC
Supply voltage
-0.3 to 6.5
V
VOE
DC control input voltage
-0.3 to 6.5
V
VI/OVL
DC I/OVL input voltage (OE = GND or VL)
-0.3 to VL + 0.3
V
VI/OVCC
DC I/OVCC input voltage (OE = GND or VL)
-0.3 to VCC + 0.3
V
IIK
DC input diode current
-20
mA
II/OVL
DC output current
±25
mA
II/OVCC
DC output current
±258
mA
ISCTOUT
Short circuit duration, continuous
40
mA
PD
Power dissipation(1)
500
mW
TSTG
Storage temperature
-65 to 150
°C
TL
Lead temperature (10 seconds)
300
°C
ESD
Electrostatic discharge protection (HBM)
±2
kV
Table 5.
Recommended operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VL
Supply voltage
1.65
–
3.6
V
VCC
Supply voltage
1.65
–
5.5
V
VOE
Input voltage (OE output enable pin, VL power
supply referred)
0–
3.6
V
VI/OVL
I/OVL voltage
0
–
VL
V
VI/OVCC I/OVCC voltage
0
–
VCC
V
TOP
Operating temperature
-40
–
85
°C
dt/dV
Input rise and fall time
0
–
1
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com