Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2129QTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST2129QTR
Description  2-bit dual supply level translator without direction control pin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2129QTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST2129QTR Datasheet HTML 5Page - STMicroelectronics ST2129QTR Datasheet HTML 6Page - STMicroelectronics ST2129QTR Datasheet HTML 7Page - STMicroelectronics ST2129QTR Datasheet HTML 8Page - STMicroelectronics ST2129QTR Datasheet HTML 9Page - STMicroelectronics ST2129QTR Datasheet HTML 10Page - STMicroelectronics ST2129QTR Datasheet HTML 11Page - STMicroelectronics ST2129QTR Datasheet HTML 12Page - STMicroelectronics ST2129QTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ST2129
Electrical characteristics
Doc ID 15967 Rev 1
9/20
Table 7.
DC characteristics
Symbol
Parameter
VL
VCC
Test
conditions
Value
Unit
TA = 25
°C
-40 to 85 °C
Min
Typ
Max
Min
Max
IOE
Control input
leakage
current (OE)
1.65 to
3.6
1.65 to
5.5
VI = GND or
VL
––
0.1
–
1
µA
IIO_LKG
High
impedance
leakage
current (I/OVL,
I/OVCC)
1.65 to
3.6
1.65 to
5.5
OE = GND
I/OVL = High
I/OVCC = Low
––
0.1
–
1
µA
OE = GND
I/OVL = Low
I/OVCC = High
––
0.1
–
1
µA
IOFF
Partial power
down current
1.65 to
3.6
0
OE = VL or
GND
I/OVL = High
I/OVCC = Low
––
0.1
–
1
µA
OE = VL or
GND
I/OVL = Low
I/OVCC = High
––
0.1
–
1
IQVCC
Quiescent
supply current
VCC
1.65 to
3.6
1.65 to
5.5
OE = VL
I/O = Hi-Z
–
–
3.5
–
4.5
µA
IQVL
Quiescent
supply current
VL
1.65 to
3.6
1.65 to
5.5
OE = VL
I/O = Hi-Z
––
0.1
–
1
µA
1.65 to
3.6
0–
–
0.1
–
1
IZ-VCC
High
Impedance
quiescent
supply current
VCC
1.65 to
3.6
1.65 to
5.5
OE = GND
I/O = Hi-Z
––
0.1
–
1
µA
IZ-VL
High
impedance
quiescent
supply current
VL
1.65 to
3.6
1.65 to
5.5
OE = GND
I/O = Hi-Z
––
0.1
–
1
µA
1.65 to
3.6
0–
–
0.1
–
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com