Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2129QTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST2129QTR
Description  2-bit dual supply level translator without direction control pin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2129QTR Datasheet(HTML) 5 Page - STMicroelectronics

  ST2129QTR Datasheet HTML 1Page - STMicroelectronics ST2129QTR Datasheet HTML 2Page - STMicroelectronics ST2129QTR Datasheet HTML 3Page - STMicroelectronics ST2129QTR Datasheet HTML 4Page - STMicroelectronics ST2129QTR Datasheet HTML 5Page - STMicroelectronics ST2129QTR Datasheet HTML 6Page - STMicroelectronics ST2129QTR Datasheet HTML 7Page - STMicroelectronics ST2129QTR Datasheet HTML 8Page - STMicroelectronics ST2129QTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ST2129
Supplementary notes
Doc ID 15967 Rev 1
5/20
3
Supplementary notes
3.1
Driver requirement
For proper operation, the driver from each side of the device must have the capability to
source and sink a minimum of 1mA current. The device architecture requires the driver to
source/sink a maximum current of (VCC/4) mA to/from the weak 4 kΩ output buffer.
3.2
Load driving capability
To support the architecture that allows level translation without direction pin, the one-shot
transistor is turned on only during state transition at the output side. After the one-shot
transistor is turned off, only the 4 k
Ωresistor maintains the state. So, resistive load or pull-up
resistor less than 50 k
Ω is not recommended for a proper operation.
3.3
Power off feature
In some applications, where it might be required to turn off one of the power supplies
powering up the level translator, the device is automatically disabled when VCC supply is
turned off, even if the OE pin is set to HIGH (enabled). In this mode, all I/Os are in high
impedance state.
3.4
Truth table
(1) High level VL power supply referred.
(2) High level VCC power supply referred.
(3) Z = High impedance.
Table 3.
Truth table
Enable
Bidirectional Input/Output
OE
I/OVCC
I/OVL
H(1)
H(2)
H(1)
H(1)
LL
LZ(3)
Z(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com