Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2129QTR Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST2129QTR
Description  2-bit dual supply level translator without direction control pin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2129QTR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST2129QTR Datasheet HTML 8Page - STMicroelectronics ST2129QTR Datasheet HTML 9Page - STMicroelectronics ST2129QTR Datasheet HTML 10Page - STMicroelectronics ST2129QTR Datasheet HTML 11Page - STMicroelectronics ST2129QTR Datasheet HTML 12Page - STMicroelectronics ST2129QTR Datasheet HTML 13Page - STMicroelectronics ST2129QTR Datasheet HTML 14Page - STMicroelectronics ST2129QTR Datasheet HTML 15Page - STMicroelectronics ST2129QTR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AC characteristics
ST2129
12/20
Doc ID 15967 Rev 1
tPZL tPZH Output enable time
–
15
–
15
ns
tPLZ tPHZ Output disable time
–
110
–
110
DR
Data rate(1)
86
–
89
–
Mbps
1.
Data rate is guaranteed based on the condition that output I/O signal rise/fall time is less than 15% of period of input I/O
signal; input I/O signal is at 50% duty-cycle and output I/O signal duty-cycle deviation is less than 50% ± 10%.
Table 10.
AC characteristics - test conditions: VL = 3.0 – 3.6 V (continued)
Symbol
Parameter
VCC = 3.0 – 3.6 V
VCC = 4.5 – 5.5 V
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com