Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2129QTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST2129QTR
Description  2-bit dual supply level translator without direction control pin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2129QTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST2129QTR Datasheet HTML 7Page - STMicroelectronics ST2129QTR Datasheet HTML 8Page - STMicroelectronics ST2129QTR Datasheet HTML 9Page - STMicroelectronics ST2129QTR Datasheet HTML 10Page - STMicroelectronics ST2129QTR Datasheet HTML 11Page - STMicroelectronics ST2129QTR Datasheet HTML 12Page - STMicroelectronics ST2129QTR Datasheet HTML 13Page - STMicroelectronics ST2129QTR Datasheet HTML 14Page - STMicroelectronics ST2129QTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ST2129
AC characteristics
Doc ID 15967 Rev 1
11/20
Table 9.
AC characteristics - test conditions: VL = 2.3 – 2.7 V
Symbol
Parameter
VCC = 2.3 – 2.7 V VCC = 3.0 – 3.6 V VCC = 4.5 – 5.5 V
Unit
Min
Max
Min
Max
Min
Max
tRVCC
Rise time I/OVCC
–
3.3
–
2.2
–
1.6
ns
tFVCC
Fall time I/OVCC
–
1.7
–
1.6
–
1.4
ns
tRVL
Rise time I/OVL
–
2.2
–
2.0
–
1.9
ns
tFVL
Fall time I/OVL
–
1.3
–
1.2
–
1.2
ns
tI/OVL-VCC
Propagation delay
time
I/OVL-LH to I/OVCC-
LH
I/OVL-HL to I/OVCC-
HL
tPLH
–
4.6
–
4.3
–
3.9
ns
tPHL
–
3.6
–
3.3
–
2.9
ns
tI/OVCC-VL
Propagation delay
time
I/OVCC-LH to I/OVL-
LH
I/OVCC-HL to I/OVL-
HL
tPLH
–
3.9
–
3.5
–
3.5
ns
tPHL
–
3.6
–
3.0
–
2.5
ns
tPZL tPZH Output enable time
–
20
–
20
–
20
ns
tPLZ tPHZ Output disable time
–
130
–
130
–
130
DR
Data rate(1)
84
–
85
–
88
–
Mbps
1.
Data rate is guaranteed based on the condition that output I/O signal rise/fall time is less than 15% of period of input I/O
signal; input I/O signal is at 50% duty-cycle and output I/O signal duty-cycle deviation is less than 50% ± 10%.
Table 10.
AC characteristics - test conditions: VL = 3.0 – 3.6 V
Symbol
Parameter
VCC = 3.0 – 3.6 V
VCC = 4.5 – 5.5 V
Unit
Min
Max
Min
Max
tRVCC
Rise time I/OVCC
–1.8
–
1.7
ns
tFVCC
Fall time I/OVCC
–1.3
–
1.2
ns
tRVL
Rise time I/OVL
–1.6
–
1.5
ns
tFVL
Fall time I/OVL
–1.1
–
1.1
ns
tI/OVL-VCC
Propagation delay time
I/OVL-LH to I/OVCC-LH
I/OVL-HL to I/OVCC-HL
tPLH
–4.1
–
4.1
ns
tPHL
–2.6
–
2.3
ns
tI/OVCC-VL
Propagation delay time
I/OVCC-LH to I/OVL-LH
I/OVCC-HL to I/OVL-HL
tPLH
–4.0
–
4.0
ns
tPHL
–2.6
–
2.4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com