Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD822TRZ-EP-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD822TRZ-EP-R7
Description  Sinle-Supply, Rail-to-Rail Low Power FET-Input Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822TRZ-EP-R7 Datasheet(HTML) 3 Page - Analog Devices

  AD822TRZ-EP-R7 Datasheet HTML 1Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 2Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 3Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 4Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 5Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 6Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 7Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 8Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD822-EP
Rev. 0 | Page 3 of 20
The AD822-EP drives up to 350 pF of direct capacitive load as a
follower and provides a minimum output current of 15 mA.
This allows the amplifier to handle a wide range of load conditions.
Its combination of ac and dc performance, plus the outstanding
load drive capability, results in an exceptionally versatile amplifier
for the single-supply user.
The AD822-EP operates over the military temperature range of
−55°C to +125°C.
The AD822-EP is offered in an 8-lead SOIC_N package.
Full details about this enhanced product are available in the
AD822 data sheet, which should be consulted in conjunction
with this data sheet.
90
10
.
....
....
.... . ... .... . ... .... .... .... . ...
....
....
.... . ... .... . ... .... .... . ... ....
VOUT
5V
0V
(GND)
1V
20µs
1V
1V
0%
100
Figure 3. Gain-of-2 Amplifier; VS = 5 V, 0 V,
VIN = 2.5 V Sine Centered at 1.25 V, RL = 100 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com