Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD822TRZ-EP-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD822TRZ-EP-R7
Description  Sinle-Supply, Rail-to-Rail Low Power FET-Input Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822TRZ-EP-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD822TRZ-EP-R7 Datasheet HTML 1Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 2Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 3Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 4Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 5Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 6Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 7Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 8Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD822-EP
Rev. 0 | Page 5 of 20
T Grade
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Input Voltage Range1, TMIN to TMAX
−0.2
+4
V
Common-Mode Rejection Ratio (CMRR)
VCM = 0 V to 2 V
66
80
dB
TMIN to TMAX
VCM = 0 V to 2 V
66
dB
Input Impedance
Differential
1013||0.5
Ω||pF
Common Mode
1013||2.8
Ω||pF
OUTPUT CHARACTERISTICS
Output Saturation Voltage2
VOL − VEE
ISINK = 20 μA
5
7
mV
TMIN to TMAX
10
mV
VCC − VOH
ISOURCE = 20 μA
10
14
mV
TMIN to TMAX
20
mV
VOL − VEE
ISINK = 2 mA
40
55
mV
TMIN to TMAX
80
mV
VCC − VOH
ISOURCE = 2 mA
80
110
mV
TMIN to TMAX
160
mV
VOL – VEE
ISINK = 15 mA
300
500
mV
TMIN to TMAX
1000
mV
VCC − VOH
ISOURCE = 15 mA
800
1500
mV
TMIN to TMAX
1900
mV
Operating Output Current
15
mA
TMIN to TMAX
12
mA
Capacitive Load Drive
350
pF
POWER SUPPLY
Quiescent Current, TMIN to TMAX
1.24
1.6
mA
Power Supply Rejection
V+ = 5 V to 15 V
66
80
dB
TMIN to TMAX
66
dB
1 This is a functional specification. Amplifier bandwidth decreases when the input common-mode voltage is driven in the range (V+ − 1 V) to V+. Common-mode error
voltage is typically less than 5 mV with the common-mode voltage set at 1 V below the positive supply.
2 VOL − VEE is defined as the difference between the lowest possible output voltage (VOL) and the negative voltage supply rail (VEE). VCC − VOH is defined as the difference
between the highest possible output voltage (VOH) and the positive supply voltage (VCC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com