Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD822TRZ-EP-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD822TRZ-EP-R7
Description  Sinle-Supply, Rail-to-Rail Low Power FET-Input Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822TRZ-EP-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD822TRZ-EP-R7 Datasheet HTML 11Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 12Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 13Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 14Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 15Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 16Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 17Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 18Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD822-EP
Rev. 0 | Page 15 of 20
FREQUENCY (Hz)
–70
–140
300
1M
1k
3k
10k
30k
100k
300k
–80
–100
–110
–120
–130
–90
Figure 27. Crosstalk vs. Frequency
VIN
RL
VOUT
100pF
8
V+
0.01µF
4
0.01µF
1/2
AD822-EP
+
–
Figure 28. Unity-Gain Follower
0%
90
100
5V
10µs
10
Figure 29. 20 V p-p, 25 kHz Sine Wave Input; Unity-Gain Follower; VS = ±15 V,
RL = 600 Ω
V+
20V p-p
2
3
8
5
6
20k
Ω
2.2k
Ω
5k
Ω
5k
Ω
VOUT
CROSSTALK = 20 log
VOUT
10VIN
0.1µF
1µF
0.1µF
1µF
V–
VIN
1/2
AD822-EP
1/2
AD822-EP
1
7
Figure 30. Crosstalk Test Circuit
5V
5µs
0%
90
100
10
Figure 31. Large Signal Response Unity-Gain Follower; VS = ±15 V, RL = 10 kΩ
10mV
500ns
0%
90
100
10
Figure 32. Small Signal Response Unity-Gain Follower; VS = ±15 V, RL = 10 kΩ
GND
1V
2µs
0%
90
100
10
Figure 33. VS = 5 V, 0 V; Unity-Gain Follower Response to 0 V to 4 V Step
4
VIN
RL
VOUT
100pF
8
V+
0.01µF
1/2
AD822-EP
+
–
Figure 34. Unity-Gain Follower



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com