Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD822TRZ-EP-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # AD822TRZ-EP-R7
Description  Sinle-Supply, Rail-to-Rail Low Power FET-Input Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822TRZ-EP-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD822TRZ-EP-R7 Datasheet HTML 12Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 13Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 14Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 15Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 16Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 17Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 18Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 19Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD822-EP
Rev. 0 | Page 16 of 20
20k
Ω
10k
Ω
4
100pF
VIN
RL
VOUT
8
V+
0.01µF
1/2
AD822-EP
Figure 35. Gain-of-Two Inverter
GND
2µs
1V
0%
90
100
10
Figure 36. VS = 5 V, 0 V; Unity-Gain Follower Response to 0 V to 5 V Step
GND
10mV
2µs
0%
90
100
10
Figure 37. VS = 5 V, 0 V; Unity-Gain Follower Response to 40 mV Step,
Centered 40 mV above Ground, RL = 10 kΩ
GND
10
100
10mV
2µs
90
0%
Figure 38. VS = 5 V, 0 V; Gain-of-2 Inverter Response to 20 mV Step,
Centered 20 mV Below Ground, RL = 10 kΩ
GND
10
100
1V
2µs
Figure 39. VS = 5 V, 0 V; Gain-of-2 Inverter Response to 2.5 V Step,
Centered −1.25 V Below Ground, RL = 10 kΩ
GND
500mV
10µs
10
100
90
0%
Figure 40. VS = 3 V, 0 V; Gain-of-2 Inverter, VIN = 1.25 V, 25 kHz, Sine Wave
Centered at −0.75 V, RL = 600 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com