Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD822TRZ-EP-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD822TRZ-EP-R7
Description  Sinle-Supply, Rail-to-Rail Low Power FET-Input Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822TRZ-EP-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD822TRZ-EP-R7 Datasheet HTML 6Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 7Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 8Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 9Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 10Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 11Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 12Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 13Page - Analog Devices AD822TRZ-EP-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD822-EP
Rev. 0 | Page 10 of 20
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage
±18 V
Internal Power Dissipation
8-Lead SOIC_N (R)
Observe Maximum
Junction Temperature
Input Voltage
((V+) + 0.2 V) to
((V−) − 20 V)
Output Short-Circuit Duration
Indefinite
Differential Input Voltage
±30 V
Storage Temperature Range (R)
–65°C to +150°C
Operating Temperature Range
−55°C to +125°C
Maximum Junction Temperature
150°C
Lead Temperature
(Soldering, 60 sec)
260°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 5. Thermal Resistance
Package Type
θJA
θJC
Unit
8-lead SOIC_N (R)
160
43
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com