Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC2002 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MPC2002
Description  256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC2002 Datasheet(HTML) 5 Page - Motorola, Inc

  MPC2002 Datasheet HTML 1Page - Motorola, Inc MPC2002 Datasheet HTML 2Page - Motorola, Inc MPC2002 Datasheet HTML 3Page - Motorola, Inc MPC2002 Datasheet HTML 4Page - Motorola, Inc MPC2002 Datasheet HTML 5Page - Motorola, Inc MPC2002 Datasheet HTML 6Page - Motorola, Inc MPC2002 Datasheet HTML 7Page - Motorola, Inc MPC2002 Datasheet HTML 8Page - Motorola, Inc MPC2002 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MPC2002
•MPC2003
5
MOTOROLA FAST SRAM
BLOCK DIAGRAM (See Note)
EXTERNAL
ADDRESS
16
9
9
18
16
A15 – A2
DQ0 – DQ8
INTERNAL
ADDRESS
64K x 18
MEMORY
ARRAY
ADDRESS
REGISTERS
WRITE
REGISTER
ENABLE
REGISTER
DATA–IN
REGISTERS
OUTPUT
BUFFER
BAA
K
TSP
TSC
A15 – A0
UW
E
G
9
DQ9 – DQ17
9
9
9
LW
A0
′
A1
′
A1
LOAD
D1
BINARY
COUNTER
D0
Q1
Q0
BURST LOGIC
A0
NOTE:
All registers are positive–edge triggered. The TSC or TSP signals control the duration of the burst and the start of the next
burst. When TSP is sampled low, any ongoing burst is interrupted and a read (independent of W and TSC) is performed
using the new external address. Alternatively, a TSP–initiated two cycle WRITE can be performed by asserting TSP and
a valid address on the first cycle, then negating both TSP and TSC and asserting LW and/or UW with valid data on the se-
cond cycle (see Single Write Cycle in WRITE CYCLES timing diagram).
When TSC is sampled low (and TSP is sampled high), any ongoing burst is interrupted and a read or write (dependent on
W) is performed using the new external address. Chip enable (E) is sampled only when a new base address is loaded. After
the first cycle of the burst, BAA controls subsequent burst cycles. When BAA is sampled low, the internal address is ad-
vanced prior to the operation. When BAA is sampled high, the internal address is not advanced, thus inserting a wait state
into the burst sequence accesses. Upon completion of a burst, the address will wrap around to its initial state. See BURST
SEQUENCE GRAPH. Write refers to either or both byte write enables (LW, UW).
BURST SEQUENCE GRAPH (See Note)
1,0
1,1
0,0
0,1
A1
′, A0′ =
NOTE: The external two values for A1 and A0
provide the starting point for the burst
sequence graph. The burst logic ad-
vances A1 and A0 as shown above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com