Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC2002 Datasheet(PDF) 8 Page - Motorola, Inc

Part # MPC2002
Description  256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC2002 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MPC2002 Datasheet HTML 4Page - Motorola, Inc MPC2002 Datasheet HTML 5Page - Motorola, Inc MPC2002 Datasheet HTML 6Page - Motorola, Inc MPC2002 Datasheet HTML 7Page - Motorola, Inc MPC2002 Datasheet HTML 8Page - Motorola, Inc MPC2002 Datasheet HTML 9Page - Motorola, Inc MPC2002 Datasheet HTML 10Page - Motorola, Inc MPC2002 Datasheet HTML 11Page - Motorola, Inc MPC2002 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MPC2002
•MPC2003
8
MOTOROLA FAST SRAM
AC OPERATING CONDITIONS AND CHARACTERISTICS
(VCC = 5.0 V ± 5% TA = 0 to + 70°C, Unless Otherwise Noted)
Input Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . . . .
Input Pulse Levels
0 to 3.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Rise/Fall Time
3 ns
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Timing Reference Level
1.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . .
Output Load
See Figure 1A Unless Otherwise Noted
. . . . . . . . . . . .
READ/WRITE CYCLE TIMING (See Notes 1, 2, and 3) (W refers to either or both byte write enables)
MPC2002SG66/
MPC2003SG66
MPC2002SG60/
MPC2003SG60
MPC2002SG50/
MPC2003SG50
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Notes
Cycle Time
tKHKH
15
—
16.6
—
20
—
ns
Clock Access Time
tKHQV
—
9
—
11
—
14
ns
4
Output Enable to Output Valid
tGLQV
—
5
—
5
—
6
ns
Clock High to Output Active
tKHQX1
6
—
6
—
6
—
ns
Clock High to Output Change
tKHQX2
3
—
3
—
3
—
ns
Output Enable to Output
Active
tGLQX
0
—
0
—
0
—
ns
Output Disable to Q High–Z
tGHQZ
2
6
2
6
2
6
ns
5
Clock High to Q High–Z
tKHQZ
—
6
—
6
—
6
ns
5
Clock High Pulse Width
tKHKL
5
—
5
—
6
—
ns
Clock Low Pulse Width
tKLKH
5
—
5
—
6
—
ns
Setup Times:
Address
Address Status
Data In
Write
Address Advance
Chip Select
tAVKH
tTSVKH
tDVKH
tWVKH
tBAVKH
tEVKH
2.5
—
2.5
—
2.5
—
ns
6
Hold Times:
Address
Address Status
Data In
Write
Address Advance
Chip Select
tKHAX
tKHTSX
tKHDX
tKHWX
tKHBAX
tKHEX
0.5
—
0.5
—
0.5
—
ns
6
NOTES:
1. A read cycle is defined by UW and LW high or TSP low for the setup and hold times. A write cycle is defined by LW or UW low and TSP high
for the setup and hold times.
2. All read and write cycle timings are referenced from K or G.
3. G is a don’t care when UW or LW is sampled low.
4. Maximum access times are guaranteed for all possible PowerPC 60x external bus cycles.
5. Transition is measured
± 500 mV from steady–state voltage with load of Figure 1B. This parameter is sampled and not 100% tested. At any
given voltage and temperature, tKHQZ max is less than tKHQX1 min for a given device and from device to device.
6. This is a synchronous device. All addresses must meet the specified setup and hold times for
ALL rising edges of clock (K) whenever TSP
or TSC are low and the chip is selected. All other synchronous inputs must meet the specified setup and hold times for
ALL rising edges of
K when the chip is selected.Chip enable must be valid at each rising edge of clock for the device (when TSP or TSC is low) to remain enabled.
AC TEST LOADS
Figure 1A
Figure 1B
5 pF
+ 5 V
OUTPUT
480
Ω
255
Ω
OUTPUT
Z0 = 50 Ω
RL = 50 Ω
VL = 1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com