Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC2002 Datasheet(PDF) 13 Page - Motorola, Inc

Part # MPC2002
Description  256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC2002 Datasheet(HTML) 13 Page - Motorola, Inc

Back Button MPC2002 Datasheet HTML 6Page - Motorola, Inc MPC2002 Datasheet HTML 7Page - Motorola, Inc MPC2002 Datasheet HTML 8Page - Motorola, Inc MPC2002 Datasheet HTML 9Page - Motorola, Inc MPC2002 Datasheet HTML 10Page - Motorola, Inc MPC2002 Datasheet HTML 11Page - Motorola, Inc MPC2002 Datasheet HTML 12Page - Motorola, Inc MPC2002 Datasheet HTML 13Page - Motorola, Inc MPC2002 Datasheet HTML 14Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MPC2002
•MPC2003
13
MOTOROLA FAST SRAM
PACKAGE DIMENSIONS
136–LEAD DIMM
CASE 1104–01
X
0.006 (0.15)
T Y
L
0.012 (0.30) M
COMPONENT AREA
VIEW AA
FRONT VIEW
136X
K
2X
Q
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
4.045
4.055
102.74
103.00
INCHES
B
0.995
1.005
25.27
25.53
C
–––
0.413
–––
10.50
D
0.040
0.042
1.02
1.07
F
0.125 BSC
0.064
–––
3.18 BSC
G
–––
0.010
0.25
H
J
0.046
0.054
1.17
1.37
K
0.100
–––
2.54
–––
L
M
1.650 BSC
41.91 BSC
N
0.400 BSC
10.16 BSC
P
0.125
–––
3.18
–––
Q
0.123
0.127
3.12
3.22
R
0.245
0.255
6.22
6.48
S
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. CARD THICKNESS APPLIES ACROSS TABS AND
INCLUDES PLATING AND/OR METALLIZATION.
4. DIMENSIONS C AND S DEFINE A DOUBLE–SIDED
MODULE.
5. DIMENSION V DEFINES OPTIONAL
SINGLE–SIDED MODULE.
6. STRAIGHTNESS CALLOUT APPLIES TO TAB
AREA ONLY.
T
–––
3.784 BSC
W
0.050 BSC
1.27 BSC
U
V
Y
0.060
0.064
1.52
1.63
0.075
0.085
1.91
2.16
0.060
1.52
1.63
0.157
–––
4.00
–––
–––
0.236
–––
6.00
1.57
–––
0.062
96.11 BSC
COMPONENT AREA
BACK VIEW
U
F
X
0.006 (0.15)
T Y
S
A
M
2X
N
2X
2X
L
R
Y
B
-Y-
-X-
VIEW AA
SIDE VIEW
-T-
2X
W
2X
W
R
M
136X
H
136X
D
M
X
0.004 (0.10)
T Y
S
L
G
132X
C
NOTE 4
S
NOTE 4
V
NOTE 5
P
J
R
T
NOTE 6
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit,
and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different
applications. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does
not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of
the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless
against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part.
Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com