Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC2002 Datasheet(PDF) 12 Page - Motorola, Inc

Part # MPC2002
Description  256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC2002 Datasheet(HTML) 12 Page - Motorola, Inc

Back Button MPC2002 Datasheet HTML 6Page - Motorola, Inc MPC2002 Datasheet HTML 7Page - Motorola, Inc MPC2002 Datasheet HTML 8Page - Motorola, Inc MPC2002 Datasheet HTML 9Page - Motorola, Inc MPC2002 Datasheet HTML 10Page - Motorola, Inc MPC2002 Datasheet HTML 11Page - Motorola, Inc MPC2002 Datasheet HTML 12Page - Motorola, Inc MPC2002 Datasheet HTML 13Page - Motorola, Inc MPC2002 Datasheet HTML 14Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MPC2002
•MPC2003
12
MOTOROLA FAST SRAM
APPLICATION EXAMPLE
512K Byte Burstable, Secondary Cache
Using MPC2003SG66 with a 66 MHz MPC601 PowerPC
™
DATA
ADDRESS
(PowerPC
™) BCLK
TS
CONTROL
CACHE
CONTROL
LOGIC
BAA
TSP
K0
TSC
Wx
G0
DATA BUS
ADDRESS BUS
MCM67M618FN9
MPC601
CLOCK
ADDR
ADDR
DATA
K
Figure 2
MPC2003SG66
K1
G1
ORDERING INFORMATION
(Order by Full Part Number)
Motorola Memory Prefix
Part Number
Package (SG = Gold Pad SIMM)
Speed (66 = 66 MHz, 60 = 60 MHz,
50 = 50 MHz)
MCM
MPC2002
MPC2003
XX
XX
Full Part Numbers — MPC2002SG66
MPC2002SG60
MPC2002SG50
MPC2003SG66
MPC2003SG60
MPC2003SG50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com