Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC2002 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC2002
Description  256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC2002 Datasheet(HTML) 1 Page - Motorola, Inc

  MPC2002 Datasheet HTML 1Page - Motorola, Inc MPC2002 Datasheet HTML 2Page - Motorola, Inc MPC2002 Datasheet HTML 3Page - Motorola, Inc MPC2002 Datasheet HTML 4Page - Motorola, Inc MPC2002 Datasheet HTML 5Page - Motorola, Inc MPC2002 Datasheet HTML 6Page - Motorola, Inc MPC2002 Datasheet HTML 7Page - Motorola, Inc MPC2002 Datasheet HTML 8Page - Motorola, Inc MPC2002 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MPC2002
•MPC2003
1
MOTOROLA FAST SRAM
256KB and 512KB BurstRAM
™
Secondary Cache Module for
PowerPC
™ – Based Systems
The MPC2002SG and MPC2003SG are designed to provide a burstable, high
performance, 256K/512K L2 cache for the PowerPC 60x processors. The mod-
ules are configured as 32K x 72 and 64K x 72 bits in a 136 pin dual readout single
inline memory module (DIMM). The module uses four of Motorola’s
MCM67M518 or MCM67M618 BiCMOS BurstRAMs.
Bursts can be initiated with either transfer start processor (TSP) or transfer
start controller (TSC). Subsequent burst addresses are generated internal to the
BurstRAM by the burst address advance (BAA) pin.
Write cycles are internally self timed and are initiated by the rising edge of the
clock (K) input. Eight write enables are provided for byte write control.
The cache family is designed to interface with the PowerPC 60x bus and re-
quires external tag.
PD0 – PD2 are reserved for density and speed identification.
• PowerPC–style Burst Counter on Board
• Dual Readout SIMM for Circuit Density
• Single 5 V ± 5% Power Supply
• All Inputs and Outputs are TTL Compatible
• Three State Outputs
• Byte Parity
• Byte Write Capability
• Fast Module Clock Rates: 66 MHz, 60 MHz, 50MHz
• Decoupling Capacitors for each Fast Static RAM
• High Quality Multi–Layer FR4 PWB With Separate Power and Ground Planes
• I/Os are 3.3 V Compatible
BurstRAM is a trademark of Motorola.
PowerPC and PowerPC 601 are trademarks of International Business Machines Corp.
Order this document
by MPC2002/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPC2002
MPC2003
(Formerly MCM72MS32/64)
136–LEAD DIMM
CASE 1104–01
TOP VIEW
68
35
34
1
5/95
© Motorola, Inc. 1995


Similar Part No. - MPC2002

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC2001 MOTOROLA-MPC2001 Datasheet
88Kb / 4P
256KB Asynchronous Secondary Cache Module for PowerPC
MPC2001SG12 MOTOROLA-MPC2001SG12 Datasheet
88Kb / 4P
256KB Asynchronous Secondary Cache Module for PowerPC
MPC2001SG15 MOTOROLA-MPC2001SG15 Datasheet
88Kb / 4P
256KB Asynchronous Secondary Cache Module for PowerPC
MPC2004 MOTOROLA-MPC2004 Datasheet
84Kb / 6P
256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2005 MOTOROLA-MPC2005 Datasheet
84Kb / 6P
256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
More results

Similar Description - MPC2002

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB32 MOTOROLA-MCM72BB32 Datasheet
252Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BF32 MOTOROLA-MCM72BF32 Datasheet
253Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32 MOTOROLA-MCM72CB32 Datasheet
260Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CF32 MOTOROLA-MCM72CF32 Datasheet
259Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72JG32 MOTOROLA-MCM72JG32 Datasheet
296Kb / 16P
256KB and 512KB Pipelined BurstRAM Secondary Cache Module for Pentium
MPC2001 MOTOROLA-MPC2001 Datasheet
88Kb / 4P
256KB Asynchronous Secondary Cache Module for PowerPC
MPC2004 MOTOROLA-MPC2004 Datasheet
84Kb / 6P
256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104 MOTOROLA-MPC2104 Datasheet
228Kb / 24P
256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104P MOTOROLA-MPC2104P Datasheet
158Kb / 16P
256KB/512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com