Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC950 Datasheet(PDF) 8 Page - Motorola, Inc

Part # MPC950
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC950 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MPC950 Datasheet HTML 4Page - Motorola, Inc MPC950 Datasheet HTML 5Page - Motorola, Inc MPC950 Datasheet HTML 6Page - Motorola, Inc MPC950 Datasheet HTML 7Page - Motorola, Inc MPC950 Datasheet HTML 8Page - Motorola, Inc MPC950 Datasheet HTML 9Page - Motorola, Inc MPC950 Datasheet HTML 10Page - Motorola, Inc MPC950 Datasheet HTML 11Page - Motorola, Inc MPC950 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MPC950 MPC951
MOTOROLA
TIMING SOLUTIONS
BR1333 — Rev 6
8
switching at the same frequency the total jitter is exactly
equal to the PLL jitter. In a device, like the MPC950/951,
where a number of the outputs can be switching
synchronously but at different frequencies a “multi–modal”
jitter distribution can be seen on the highest frequency
outputs. Because the output being monitored is affected by
the activity on the other outputs it is important to consider
what is happening on those other outputs. From Figure 9,
one can see for each rising edge on the higher frequency
signal the activity on the lower frequency signal is not
constant. The activity on the other outputs tends to alter the
internal thresholds of the device such that the placement of
the edge being monitored is displaced in time. Because the
signals are synchronous the relationship is periodic and the
resulting jitter is a compilation of the PLL jitter superimposed
on the displaced edges. When histograms are plotted the
jitter looks like a “multi–modal” distribution as pictured in
Figure 9. Depending on the size of the PLL jitter and the
relative displacement of the edges the “multi–modal”
distribution will appear truly “multi–modal” or simply like a
“fat” Gaussian distribution. Again note that in the case where
all the outputs are switching at the same frequency there is
no edge displacement and the jitter is reduced to that of
the PLL.
Figure 7. PLL Jitter and Edge Displacement
1
212
12
1
232
12
12
3
3
Peak–to–Peak PLL Jitter
Peak–to–Peak Period Jitter
Peak–to–Peak PLL Jitter
Peak–to–Peak Period Jitter
Figure 10 graphically represents the PLL jitter of the
MPC950/951. The data was taken for several different output
configurations. By triggering on the lowest frequency output
the PLL jitter can be measured for configurations in which
outputs are switching at different frequencies. As one can
see in the figure the PLL jitter is much less dependent on
output configuration than on internal VCO frequency.
Figure 8. RMS PLL Jitter versus VCO Frequency
0
5
10
15
20
25
30
35
40
160
240
320
400
480
560
Conf 1
Conf 2
Conf 3
Conf 1 = All Outputs at the Same Frequency
Conf 2 = 4 Outputs at X, 5 Outputs at X/2
Conf 3 = 1 Output at X, 8 Outputs at X/4
VCO Frequency (MHz)
Figure 9. Peak–to–Peak Period Jitter versus
VCO Frequency
150
200
250
300
350
400
160
240
320
400
480
560
Conf 2
Conf 3
Conf 2 = 4 Outputs at X, 5 Outputs at X/2
Conf 3 = 1 Output at X, 8 Outputs at X/4
VCO Frequency (MHz)
Two different configurations were chosen to look at the
period displacement caused by the switching outputs.
Configuration 3 is considered worst case as the “trimodal”
distribution (as pictured in Figure 9) represents the largest
spread between distribution peaks. Configuration 2 is
considered a typical configuration with half the outputs at a
high frequency and the remaining outputs at one half the high
frequency. For these cases the peak–to–peak numbers are
reported in Figure 11 as the sigma numbers are useless
because the distributions are not Gaussian. For situations
where the outputs are synchronous and switching at different
frequencies the measurement technique described here is
insufficient to use for establishing guaranteed limits. Other
techniques are currently being investigated to identify a more
accurate and repeatable measurement so that guaranteed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com