Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC950 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPC950
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC950 Datasheet(HTML) 2 Page - Motorola, Inc

  MPC950 Datasheet HTML 1Page - Motorola, Inc MPC950 Datasheet HTML 2Page - Motorola, Inc MPC950 Datasheet HTML 3Page - Motorola, Inc MPC950 Datasheet HTML 4Page - Motorola, Inc MPC950 Datasheet HTML 5Page - Motorola, Inc MPC950 Datasheet HTML 6Page - Motorola, Inc MPC950 Datasheet HTML 7Page - Motorola, Inc MPC950 Datasheet HTML 8Page - Motorola, Inc MPC950 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MPC950 MPC951
MOTOROLA
TIMING SOLUTIONS
BR1333 — Rev 6
2
MPC950 LOGIC DIAGRAM
÷2/÷4
Qa
VCO
200–480MHz
PHASE
DETECTOR
LPF
÷8/÷16
MR/OE
xtal
OSC
fselc
fselb
FBsel
xtal2
xtal1
Tclk
÷4/÷8
Qb
÷4/÷8
Qc0
÷4/÷8
Qd0
Qc1
Qd1
Qd2
Qd3
Qd4
fseld
Ref_Sel
PLL_En
fsela
POWER–ON RESET
(Pull Down)
MR/OE
GNDO
Qb
VCCO
Qa
GNDO
TCLK
PLL_En
Ref_Sel
Qd2
VCCO
Qd3
GNDO
Qd4
VCCO
xtal2
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
123456
78
24
23
22
21
20
19
18
17
16
MPC950
FUNCTION TABLES
Ref_Sel
Function
1
0
TCLK
XTAL_OSC
PLL_En
Function
1
0
PLL Enabled
PLL Bypass
FBsel
Function
1
0
÷8
÷16
MR/OE
Function
1
0
Outputs Disabled
Outputs Enabled
fseln
Function
1
0
Qa =
÷4; Qb:d = ÷8
Qa =
÷2; Qb:d = ÷4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com