Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC950 Datasheet(PDF) 11 Page - Motorola, Inc

Part # MPC950
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC950 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MPC950 Datasheet HTML 5Page - Motorola, Inc MPC950 Datasheet HTML 6Page - Motorola, Inc MPC950 Datasheet HTML 7Page - Motorola, Inc MPC950 Datasheet HTML 8Page - Motorola, Inc MPC950 Datasheet HTML 9Page - Motorola, Inc MPC950 Datasheet HTML 10Page - Motorola, Inc MPC950 Datasheet HTML 11Page - Motorola, Inc MPC950 Datasheet HTML 12Page - Motorola, Inc MPC950 Datasheet HTML 13Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MPC950 MPC951
TIMING SOLUTIONS
BR1333 — Rev 6
11
MOTOROLA
be driven by each output of the MPC950/951 clock driver. For
the series terminated case however there is no DC current
draw, thus the outputs can drive multiple series terminated
lines. Figure 12 illustrates an output driving a single series
terminated line vs two series terminated lines in parallel.
When taken to its extreme the fanout of the MPC950/951
clock driver is effectively doubled due to its capability to drive
multiple lines.
Figure 12. Single versus Dual Transmission Lines
7
Ω
IN
MPC950/951
OUTPUT
BUFFER
RS = 43Ω
ZO = 50Ω
OutA
7
Ω
IN
MPC950/951
OUTPUT
BUFFER
RS = 43Ω
ZO = 50Ω
OutB0
RS = 43Ω
ZO = 50Ω
OutB1
The waveform plots of Figure 13 show the simulation
results of an output driving a single line vs two lines. In both
cases the drive capability of the MPC950/951 output buffers
is more than sufficient to drive 50
Ω transmission lines on the
incident edge. Note from the delay measurements in the
simulations a delta of only 43ps exists between the two
differently loaded outputs. This suggests that the dual line
driving need not be used exclusively to maintain the tight
output–to–output skew of the MPC950/951. The output
waveform in Figure 13 shows a step in the waveform, this
step is caused by the impedance mismatch seen looking into
the driver. The parallel combination of the 43
Ω series resistor
plus the output impedance does not match the parallel
combination of the line impedances. The voltage wave
launched down the two lines will equal:
VL = VS ( Zo / (Rs + Ro +Zo))
Zo = 50
Ω || 50Ω
Rs = 43
Ω || 43Ω
Ro = 7
Ω
VL = 3.0 (25 / (21.5 + 7 + 25) = 3.0 (25 / 53.5)
= 1.40V
At the load end the voltage will double, due to the near
unity reflection coefficient, to 2.8V. It will then increment
towards the quiescent 3.0V in steps separated by one round
trip delay (in this case 4.0ns).
Figure 13. Single versus Dual Waveforms
TIME (nS)
3.0
2.5
2.0
1.5
1.0
0.5
0
2
4
6
8
10
12
14
OutB
tD = 3.9386
OutA
tD = 3.8956
In
Since this step is well above the threshold region it will not
cause any false clock triggering, however designers may be
uncomfortable with unwanted reflections on the line. To
better match the impedances when driving multiple lines the
situation in Figure 14 should be used. In this case the series
terminating resistors are reduced such that when the parallel
combination is added to the output buffer impedance the line
impedance is perfectly matched.
Figure 14. Optimized Dual Line Termination
7
Ω
MPC950/951
OUTPUT
BUFFER
RS = 36Ω
ZO = 50Ω
RS = 36Ω
ZO = 50Ω
7
Ω + 36Ω k 36Ω = 50Ω k 50Ω
25
Ω = 25Ω
SPICE level output buffer models are available for
engineers who want to simulate their specific interconnect
schemes. In addition IV characteristics are in the process of
being generated to support the other board level simulators in
general use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com