Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC950 Datasheet(PDF) 9 Page - Motorola, Inc

Part # MPC950
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC950 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MPC950 Datasheet HTML 5Page - Motorola, Inc MPC950 Datasheet HTML 6Page - Motorola, Inc MPC950 Datasheet HTML 7Page - Motorola, Inc MPC950 Datasheet HTML 8Page - Motorola, Inc MPC950 Datasheet HTML 9Page - Motorola, Inc MPC950 Datasheet HTML 10Page - Motorola, Inc MPC950 Datasheet HTML 11Page - Motorola, Inc MPC950 Datasheet HTML 12Page - Motorola, Inc MPC950 Datasheet HTML 13Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MPC950 MPC951
TIMING SOLUTIONS
BR1333 — Rev 6
9
MOTOROLA
limits can be provided. The data generated does give a good
indication of the general performance, a performance that in
most cases is well within the requirements of today’s
microprocessors.
Finally from the data there are some general guidelines
that, if followed, will minimize the output jitter of the device.
First and foremost always configure the device such that the
VCO runs as fast as possible. This is by far the most critical
parameter in minimizing jitter. Second keep the reference
frequency as high as possible. More frequent updates at the
phase detector will help to reduce jitter. Note that if there is a
tradeoff between higher reference frequencies and higher
VCO frequency always chose the higher VCO frequency to
minimize jitter. The third guideline may be the most difficult,
and in some cases impossible, to follow. Try to minimize the
number of different frequencies sourced from a single chip.
The fixed edge displacement associated with the switching
noise in most cases nearly doubles the “effective” jitter of a
high speed output.
Power Supply Filtering
The MPC950/951 is a mixed analog/digital product and as
such it exhibits some sensitivities that would not necessarily
be seen on a fully digital product. Analog circuitry is naturally
susceptible to random noise, especially if this noise is seen
on the power supply pins. The MPC950/951 provides
separate power supplies for the output buffers (VCCO) and
the phase–locked loop (VCCA) of the device. The purpose of
this design technique is to try and isolate the high switching
noise digital outputs from the relatively sensitive internal
analog phase–locked loop. In a controlled environment such
as an evaluation board this level of isolation is sufficient.
However, in a digital system environment where it is more
difficult to minimize noise on the power supplies a second
level of isolation may be required. The simplest form of
isolation is a power supply filter on the VCCA pin for the
MPC950/951.
Figure 10 illustrates a typical power supply filter scheme.
The MPC950/951 is most susceptible to noise with spectral
content in the 1KHz to 1MHz range. Therefore the filter
should be designed to target this range. The key parameter
that needs to be met in the final filter design is the DC voltage
drop that will be seen between the VCC supply and the VCCA
pin of the MPC950/951. From the data sheet the IVCCA
current (the current sourced through the VCCA pin) is
typically 15mA (20mA maximum), assuming that a minimum
of 3.0V must be maintained on the VCCA pin very little DC
voltage drop can be tolerated when a 3.3V VCC supply is
used. The resistor shown in Figure 10 must have a
resistance of 10–15
Ω to meet the voltage drop criteria. The
RC filter pictured will provide a broadband filter with
approximately 100:1 attenuation for noise whose spectral
content is above 20KHz. As the noise frequency crosses the
series resonant point of an individual capacitor it’s overall
impedance begins to look inductive and thus increases with
increasing frequency. The parallel capacitor combination
shown ensures that a low impedance path to ground exists
for frequencies well above the bandwidth of the PLL. It is
recommended that the user start with an 8–10
Ω resistor to
avoid potential VCC drop problems and only move to the
higher value resistors when a higher level of attenuation is
shown to be needed.
Figure 10. Power Supply Filter
PLL_VCC
VCC
MPC950/951
0.01
µF
22
µF
0.01
µF
3.3V
RS=5–15Ω
Although the MPC950/951 has several design features to
minimize the susceptibility to power supply noise (isolated
power and grounds and fully differential PLL) there still may
be applications in which overall performance is being
degraded due to system power supply noise. The power
supply filter schemes discussed in this section should be
adequate to eliminate power supply noise related problems
in most designs.
Using the On–Board Crystal Oscillator
The MPC950/951 features an on–board crystal oscillator
to allow for seed clock generation as well as final distribution.
The on–board oscillator is completely self contained so that
the only external component required is the crystal. As the
oscillator is somewhat sensitive to loading on its inputs the
user is advised to mount the crystal as close to the
MPC950/951 as possible to avoid any board level parasitics.
To facilitate co–location surface mount crystals are
recommended, but not required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com