Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC950 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC950
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC950 Datasheet(HTML) 1 Page - Motorola, Inc

  MPC950 Datasheet HTML 1Page - Motorola, Inc MPC950 Datasheet HTML 2Page - Motorola, Inc MPC950 Datasheet HTML 3Page - Motorola, Inc MPC950 Datasheet HTML 4Page - Motorola, Inc MPC950 Datasheet HTML 5Page - Motorola, Inc MPC950 Datasheet HTML 6Page - Motorola, Inc MPC950 Datasheet HTML 7Page - Motorola, Inc MPC950 Datasheet HTML 8Page - Motorola, Inc MPC950 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 4
© Motorola, Inc. 1997
2/97
Low Voltage PLL Clock Driver
The MPC950/951 are 3.3V compatible, PLL based clock driver
devices targeted for high performance clock tree designs. With output
frequencies of up to 180MHz and output skews of 375ps the MPC950 is
ideal for the most demanding clock tree designs. The devices employ a
fully differential PLL design to minimize cycle–to–cycle and long term
jitter. This parameter is of significant importance when the clock driver is
providing the reference clock for PLL’s on board today’s microprocessors
and ASiC’s. The devices offer 9 low skew outputs, the outputs are
configurable to support the clocking needs of the various high
performance microprocessors.
• Fully Integrated PLL
• Oscillator or Crystal Reference Input
• Output Frequency up to 180MHz
• Outputs Disable in High Impedance
• Compatible with PowerPC™, Intel and High Performance RISC
Microprocessors
• TQFP Packaging
• Output Frequency Configurable
• ±100ps Typical Cycle–to–Cycle Jitter
Two selectable feedback division ratios are available on the MPC950
to provide input reference clock flexibility. The FBSEL pin will choose
between a divide by 8 or a divide by 16 of the VCO frequency to be
compared with the input reference to the MPC950. The internal VCO is
running at either 2x or 4x the high speed output, depending on
configuration, so that the input reference will be either one half, one fourth
or one eighth the high speed output.
The MPC951 replaces the crystal oscillator and internal feedback of the MPC950 with a differential PECL reference input and
an external feedback input. These features allow for the MPC951 to be used as a zero delay, low skew fanout buffer. In addition,
the external feedback allows for a wider variety of input–to–output frequency relationships. The MPC951 REF_SEL pin allows for
the selection of an alternate LVCMOS input clock to be used as a test clock or to provide the reference for the PLL from an
LVCMOS source.
The MPC950 provides an external test clock input for scan clock distribution or system diagnostics. In addition the REF_SEL
pin allows the user to select between a crystal input to an on–board oscillator for the reference or to chose a TTL level oscillator
input directly. The on–board crystal oscillator requires no external components beyond a series resonant crystal.
Both the MPC950 and MPC951 are fully 3.3V compatible and require no external loop filter components. All inputs accept
LVCMOS or LVTTL compatible levels while the outputs provide LVCMOS levels with the capability to drive terminated 50
Ω
transmission lines. Select inputs do not have internal pull–up/pull–down resistors and thus must be set externally. If the
PECL_CLK inputs are not used, they can be left open. For series terminated 50
Ω lines, each of the MPC950/951 outputs can
drive two traces giving the device an effective fanout of 1:18. The device is packaged in a 7x7mm 32–lead TQFP package to
provide the optimum combination of board density and performance.
PowerPC is a trademark of International Business Machines Corporation. Pentium is a trademark of Intel Corporation.
MPC950
MPC951
LOW VOLTAGE
PLL CLOCK DRIVER
FA SUFFIX
32–LEAD TQFP PACKAGE
CASE 873A–02


Similar Part No. - MPC950

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC952 MOTOROLA-MPC952 Datasheet
106Kb / 7P
LOW VOLTAGE PLL CLOCK DRIVER
MPC953 MOTOROLA-MPC953 Datasheet
109Kb / 7P
LOW VOLTAGE PLL CLOCK DRIVER
MPC958 MOTOROLA-MPC958 Datasheet
253Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
More results

Similar Description - MPC950

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC930 MOTOROLA-MPC930 Datasheet
162Kb / 14P
LOW VOLTAGE PLL CLOCK DRIVER
MPC932 MOTOROLA-MPC932 Datasheet
114Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
MPC974 MOTOROLA-MPC974 Datasheet
143Kb / 9P
LOW VOLTAGE PLL CLOCK DRIVER
MPC992 MOTOROLA-MPC992 Datasheet
109Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C2972 PERICOM-PI6C2972 Datasheet
184Kb / 7P
Low Voltage PLL Clock Driver
logo
Motorola, Inc
MPC958 MOTOROLA-MPC958 Datasheet
253Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Integrated Device Techn...
IDT5V9351 IDT-IDT5V9351 Datasheet
85Kb / 10P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Agere Systems
LCK4310 AGERE-LCK4310 Datasheet
126Kb / 10P
Low-Voltage PLL Clock Driver
April 20, 2004
logo
Pericom Semiconductor C...
PI6C2952 PERICOM-PI6C2952 Datasheet
72Kb / 6P
Low Voltage PLL Clock Driver
logo
Renesas Technology Corp
MPC9350 RENESAS-MPC9350 Datasheet
478Kb / 13P
Low Voltage PLL Clock Driver
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com